Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CV857 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI6CV857
Description  PLL Clock Driver for 2.5V DDR-SDRAM Memory
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CV857 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI6CV857 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6CV857 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6CV857 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6CV857 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6CV857 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6CV857 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6CV857 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6CV857 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6CV857 Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
PS8543
06/11/01
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6CV857L
PLLClockDriverfor
2.5V DDR-SDRAM Memory
FunctionTable
s
t
u
p
n
Is
t
u
p
t
u
Oe
t
a
t
S
L
L
P
V
A D
D
GK
L
CK
L
CY
Y
T
U
O
B
FT
U
O
B
F
D
N
GH
L
H
L
H
L
H
ff
o
/
d
e
s
s
a
p
y
B
D
N
GH
H
L
H
L
H
L
ff
o
/
d
e
s
s
a
p
y
B
XL
L
H
Z
Z
Z
Z
ff
o
XL
H
L
Z
Z
Z
Z
ff
o
)
m
o
n
(
V
5
.
2H
L
H
L
H
L
H
n
o
)
m
o
n
(
V
5
.
2H
H
L
H
L
H
L
n
o
)
m
o
n
(
V
5
.
2X
z
H
M
0
2
<
)
1
(
ZZ
Z
Z
ff
o
Notes: For testing and power saving purposes, PI6CV857L will power down if the frequency of the reference inputs CLK, CLK is well
below the operating frequency range. The maximum power down clock frequency is below 20 MHz. For example, PI6CV857L will be
powered down when the CLK,CLK stop running.
Z = High impedance
X = Don’t care
e
m
a
N
n
i
P.
o
N
n
i
Pe
p
y
T
O
/
In
o
it
p
i
r
c
s
e
D
K
L
C
K
L
C
3
1
4
1
It
u
p
n
i
k
c
o
l
C
e
c
n
e
r
e
f
e
R
x
Y6
4
,
4
4
,
9
3
,
9
2
,
7
2
,
2
2
,
0
2
,
0
1
,
5
,
3
O
.s
t
u
p
t
u
o
k
c
o
l
C
x
Y7
4
,
3
4
,
0
4
,
0
3
,
6
2
,
3
2
,
9
1
,
9
,
6
,
2.s
t
u
p
t
u
o
k
c
o
l
C
t
n
e
m
el
p
m
o
C
T
U
O
B
F
T
U
O
B
F
2
3
3
3
t
u
p
t
u
O
k
c
a
b
d
e
e
F
t
n
e
m
el
p
m
o
C
d
n
a
,t
u
p
t
u
o
k
c
a
b
d
e
e
F
N
I
B
F
N
I
B
F
6
3
5
3
I
t
u
p
t
u
O
k
c
a
b
d
e
e
F
t
n
e
m
el
p
m
o
C
d
n
a
,t
u
p
t
u
o
k
c
a
b
d
e
e
F
N
W
D
R
W
P7
3
,
0
=
N
W
D
R
W
P
n
e
h
W
.s
t
u
p
t
u
o
x
Y
d
n
a
x
Y
ll
a
r
o
f
el
b
a
si
d
t
u
p
t
u
o
d
n
a
n
w
o
d
r
e
w
o
P
a
o
t
d
el
b
a
si
d
e
r
a
st
u
p
t
u
o
k
c
o
l
c
l
ai
t
n
e
r
e
ff
i
d
e
h
t
d
n
a
n
w
o
d
d
e
r
e
w
o
p
si
tr
a
p
e
h
t
n
u
r
d
n
a
d
el
b
a
n
e
e
r
a
st
u
p
t
u
o
k
c
o
l
c
l
ai
t
n
e
r
e
ff
i
d
ll
a
,
1
=
N
W
D
R
W
P
n
e
h
W
.
e
t
a
t
s
-
3
.
K
L
C
s
a
y
c
n
e
u
q
e
rf
e
m
a
s
e
h
t
t
a
V Q
D
D
5
4
,
8
3
,
4
3
,
8
2
,
1
2
,
5
1
,
2
1
,
1
1
,
4
r
e
w
o
P
.
O
/I
r
o
f
y
l
p
p
u
S
r
e
w
o
P
V
A D
D
6
1
V
A
.y
l
p
p
u
s
r
e
w
o
p
e
r
o
c
/
g
o
l
a
n
A
D
D
g
n
it
s
e
t
r
o
f
L
L
P
e
h
t
s
s
a
p
y
b
o
t
d
e
s
u
e
b
n
a
c
V
A
n
e
h
W
.s
e
s
o
p
r
u
p
D
D
si
K
L
C
d
n
a
d
e
s
s
a
p
y
b
si
L
L
P
,
d
n
u
o
r
g
o
t
d
e
p
p
a
rt
s
si
.s
t
u
p
t
u
o
e
ci
v
e
d
e
h
t
o
t
y
lt
c
e
ri
d
d
e
r
e
ff
u
b
D
N
G
A7
1
d
n
u
o
r
G
y
rt
i
u
c
ri
c
e
r
o
c
/
g
o
l
a
n
a
e
h
t
r
o
f
e
c
n
e
r
e
f
e
r
d
n
u
o
r
g
e
h
t
s
e
d
i
v
o
r
P
.
d
n
u
o
r
g
e
r
o
c
/
g
o
l
a
n
A
D
N
G8
4
,
2
4
,
1
4
,
1
3
,
5
2
,
4
2
,
8
1
,
8
,
7
,
1d
n
u
o
r
G
PinoutTable



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com