Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFS41N15DPbF Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IRFS41N15DPbF
Description  High frequency DC-DC converters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRFS41N15DPbF Datasheet(HTML) 2 Page - Infineon Technologies AG

  IRFS41N15DPbF Datasheet HTML 1Page - Infineon Technologies AG IRFS41N15DPbF Datasheet HTML 2Page - Infineon Technologies AG IRFS41N15DPbF Datasheet HTML 3Page - Infineon Technologies AG IRFS41N15DPbF Datasheet HTML 4Page - Infineon Technologies AG IRFS41N15DPbF Datasheet HTML 5Page - Infineon Technologies AG IRFS41N15DPbF Datasheet HTML 6Page - Infineon Technologies AG IRFS41N15DPbF Datasheet HTML 7Page - Infineon Technologies AG IRFS41N15DPbF Datasheet HTML 8Page - Infineon Technologies AG IRFS41N15DPbF Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
 
IRFB/IB/S/SL41N15DPbF
2
2017-04-27
Notes:
Repetitive rating; pulse width limited by max. junction temperature.
starting TJ = 25°C, L = 1.5mH, RG = 25, IAS = 25A.
ISD 25A, di/dt 340A/µs, VDD V(BR)DSS, TJ  175°C.
Pulse width
300µs; duty cycle  2%.
Coss eff. is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80% VDSS.
This is only applied to TO-220AB package.

This is applied to D2Pak, when mounted on 1" square PCB (FR-4 or G-10 Material ). For recommended footprint and
soldering techniques refer to application note #AN-994.
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
150
–––
–––
V
VGS = 0V, ID = 250µA
V(BR)DSS/TJ
Breakdown Voltage Temp. Coefficient
–––
0.17
–––
V/°C Reference to 25°C, ID = 1mA
RDS(on)
Static Drain-to-Source On-Resistance
–––
––– 0.045
 VGS = 10V, ID = 25A 
VGS(th)
Gate Threshold Voltage
3.0
–––
5.5
V
VDS = VGS, ID = 250µA
IDSS
Drain-to-Source Leakage Current
–––
–––
25
µA
VDS = 150 V, VGS = 0V
–––
–––
250
VDS = 120V,VGS = 0V,TJ =150°C
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
VGS = 30V
Gate-to-Source Reverse Leakage
–––
-100
VGS = -30V
Dynamic @ TJ = 25°C (unless otherwise specified)
gfs
Forward Trans conductance
18
–––
–––
S
VDS = 50V, ID = 25A
Qg
Total Gate Charge
–––
72
110
ID = 25A
Qgs
Gate-to-Source Charge
–––
21
31
VDS = 120V
Qgd
Gate-to-Drain Charge
–––
35
52
VGS = 10V 
td(on)
Turn-On Delay Time
–––
16
–––
ns
VDD = 75V
tr
Rise Time
–––
63
–––
ID = 25A
td(off)
Turn-Off Delay Time
–––
25
–––
RG= 2.5
tf
Fall Time
–––
14
–––
VGS = 10V 
Ciss
Input Capacitance
–––
2520
–––
pF  
VGS = 0V
Coss
Output Capacitance
–––
510
–––
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
110
–––
ƒ = 1.0MHz
Coss
Output Capacitance
–––
3090
–––
VGS = 0V, VDS = 1.0V ƒ = 1.0MHz
Coss
Output Capacitance
–––
230
–––
VGS = 0V, VDS = 120V ƒ = 1.0MHz
Coss eff.
Effective Output Capacitance
–––
250
–––
VGS = 0V, VDS = 0V to 120V
nC  
Diode Characteristics
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
–––
–––
41
A
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
–––
–––
164
integral reverse
(Body Diode)
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.3
V
TJ = 25°C,IS = 25A,VGS = 0V 
trr
Reverse Recovery Time
–––
170
260
ns TJ = 25°C ,IF = 25A
Qrr
Reverse Recovery Charge
–––
1.3
1.9
C di/dt = 100A/µs 
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Avalanche Characteristics
Parameter
Typ.
Max.
Units
EAS
Single Pulse Avalanche Energy 
–––
470
mJ
IAR
Avalanche Current 
–––
25
A 
EAR
Repetitive Avalanche Energy 
–––
20
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com