Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPM3630 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MPM3630
Description  18V/3A DC/DC Module Synchronous Step-Down Regulator with Integrated Inductor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPM3630 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MPM3630 Datasheet HTML 8Page - Monolithic Power Systems MPM3630 Datasheet HTML 9Page - Monolithic Power Systems MPM3630 Datasheet HTML 10Page - Monolithic Power Systems MPM3630 Datasheet HTML 11Page - Monolithic Power Systems MPM3630 Datasheet HTML 12Page - Monolithic Power Systems MPM3630 Datasheet HTML 13Page - Monolithic Power Systems MPM3630 Datasheet HTML 14Page - Monolithic Power Systems MPM3630 Datasheet HTML 15Page - Monolithic Power Systems MPM3630 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
MPM3630
– SYNCHRONOUS STEP-DOWN MODULE WITH INTEGRATED INDUCTOR
MPM3630 Rev. 1.0
www.MonolithicPower.com
12
6/21/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
current. The optimized internal compensation
network minimizes the external component
counts and simplifies the control loop design.
Under-Voltage Lockout (UVLO)
Under-voltage lockout (UVLO) protects the chip
from operating at an insufficient supply voltage.
The MPM3630 UVLO comparator monitors the
output voltage of the internal regulator (VCC).
The UVLO rising threshold is about 4.1V while
its falling threshold is 3.36V.
ENABLE/SYNC Control (EN)
EN turns the converter on and off. Drive EN
high to turn on the converter; drive EN low to
turn off the converter. An internal 1.1
MΩ
resistor from EN to GND allows EN to be
floated to shut down the chip.
EN is clamped internally using a 5.6V series-
Zener-diode (see Figure 4).
1.1MΩ
5.6
Figure 4: 5.6V Zener Diode Connection
Connecting EN to a voltage source directly
without a pull-up resistor requires limiting the
amplitude of the voltage source to
≤ 5V to
prevent damage to the Zener diode.
Connecting the EN input through a pull-up
resistor to the voltage on VIN limits the EN input
current to less than 100µA.
For example, with 12V connected to VIN,
RPULLUP ≥ (12V – 5.6V) ÷ 100µA = 64kΩ.
For external clock synchronization, connect a
clock with a frequency range between 1MHz
and 2MHz. 2.2ms after the output voltage is set,
the internal clock rising edge will synchronize
with the external clock rising edge. Meanwhile
the width of the high level should be longer than
250ns, and the width of the low level should be
longer than 100ns.
Internal Soft Start (SS)
The soft start prevents the converter output
voltage from overshooting during startup. When
the chip starts, the internal circuitry generates a
soft-start voltage (SS) that ramps up from 0V to
5V. When SS is lower than REF, the error
amplifier uses SS as the reference. When SS is
higher than REF, the error amplifier uses REF
as the reference. The SS time is set to 2.2ms
internally.
Power Good Indicator (PG)
The MPM3630 has power good (PG) output to
indicate whether the output voltage of the
module is ready. PG is an open-drain output.
Connect PG to VCC (or another voltage source)
through a pull-up resistor (e.g. 10 k
Ω). When
the input voltage is applied, PG is pulled down
to GND before the internal VSS > 1V. Once VSS >
1V (when VFB is above 92% of VREF), PG is
pulled high (after a 110
μs delay). During
normal operation, PG is pulled low when the
VFB drops below 81% of VREF (after a 26
μs
delay).
Since
the
MPM3630
doesn’t
implement
dedicated output over-voltage protection, PG
will not respond to an output over-voltage
condition.
Over-Current Protection (OCP) and Hiccup
The MPM3630 has a cycle-by-cycle over-
current limiting control. When the inductor
current peak value exceeds the internal peak
current limit threshold, the HS-FET turns off and
the LS-FET turns on, remaining on until the
inductor current falls below the internal valley
current limit threshold. The valley current limit
circuit is employed to decrease the operation
frequency (after the peak current limit threshold
is triggered). Meanwhile, the output voltage
drops until VFB is below the under-voltage (UV)
threshold
(240mV,
typically).
Once
UV
is
triggered, the MPM3630 enters hiccup mode to
re-start the part periodically. This protection
mode is useful when the output is dead-shorted
to ground and greatly reduces the average
short-circuit current to alleviate thermal issues
and protect the converter. The MPM3630 exits
hiccup mode once the over-current condition is
removed.
Thermal Shutdown (TSD)
Thermal shutdown prevents the chip from
operating at exceedingly high temperatures.
When the silicon die reaches temperatures that
exceed 150°C, it shuts down the whole chip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com