Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPM3680 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MPM3680
Description  18V 6A Step-Down Power Module in 12x12x4mm QFN
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPM3680 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MPM3680 Datasheet HTML 9Page - Monolithic Power Systems MPM3680 Datasheet HTML 10Page - Monolithic Power Systems MPM3680 Datasheet HTML 11Page - Monolithic Power Systems MPM3680 Datasheet HTML 12Page - Monolithic Power Systems MPM3680 Datasheet HTML 13Page - Monolithic Power Systems MPM3680 Datasheet HTML 14Page - Monolithic Power Systems MPM3680 Datasheet HTML 15Page - Monolithic Power Systems MPM3680 Datasheet HTML 16Page - Monolithic Power Systems MPM3680 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
MPM3680 – 18V 6A STEP-DOWN POWER MODULE
MPM3680 Rev. 1.02
www.MonolithicPower.com
13
10/13/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Table 1 shows the switching frequency with
different common output voltages:
Vo (V)
fs(KHz)
1
400
1.2
500
1.5
600
1.8
700
Table 1
If a switching frequency other than those listed in
Table 1 is desired, an external frequency set
resistor can be connected as shown in figure 5:
Figure 5
The switching frequency can be estimated
through equation (4) as follows:
6
SW
FREQ
IN
DELAY
IN
OUT
10
F(kHz)
6.1 R
(k )
V(V)
T(ns)
V(V) 0.4
V
(V)


(4)
Where TDELAY is the comparator delay of about
5ns.
Typically, the MPM3680 is set to 200kHz to
1MHz applications. Thanks to its monolithic
structure, the MPM3680 is optimized to operate
at high switching frequencies at high efficiency.
High switching frequencies allow for physically
smaller LC filter components to reduce the PCB
footprint.
Configuring the EN Control
The power module turns on when EN goes high;
conversely it turns off when EN goes low. Do not
float the pin.
For automatic start-up, pull the EN pin up to input
voltage through a resistive voltage divider.
Choose the values of the pull-up resistor (RUP
from the IN pin to the EN pin) and the pull-down
resistor (RDOWN from the EN pin to GND) to
determine the automatic start-up voltage:
UP
DOWN
IN START
DOWN
(R
R
)
V1.5
(V)
R

(5)
For example, for RUP=100kΩ and RDOWN=51kΩ,
the VIN-START is set at 4.44V.
To reduce noise, add a 10nF ceramic capacitor
from EN to GND.
An internal zener diode on the EN pin clamps the
EN pin voltage to prevent running away. The
maximum pull up current (assuming the worst
case 6V for the internal zener clamp) should be
limited to 1mA or less.
Therefore, when driving EN with an external logic
signal, the driving voltage should be less than 6V.
When connecting EN to IN through a pull-up
resistor or a resistive voltage divider, select a
resistance that ensures a maximum pull-up
current of 1mA.
If using a resistive voltage divider and VIN
exceeds 6V, then the minimum resistance for the
pull-up resistor RUP should meet:
IN
UP
DOWN
V6V
6V
1mA
RR

(6)
With only RUP (the pull-down resistor, RDOWN, is
not connected), then the VCC UVLO threshold
determines VIN-START, so the minimum resistor
value is:
IN
UP
V6V
R( )
1mA

(7)
A typical pull-up resistor is 100kΩ.
VCC Power Supply
The MPM3680 has an internal VCC LDO to
supply the power to the internal circuits and
drives the power devices. This VCC LDO is
derived from the input supply. To ensure proper
operation, the minimum input voltage should be
4.5V.
An external 5V VCC bias can disable the internal
LDO. In this case, Vin can be as low as 2.5V.
The efficiency can be higher with external 5V
VCC bias. Figure 6 shows the comparison.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com