Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CV857LA Datasheet(PDF) 9 Page - Pericom Semiconductor Corporation

Part # PI6CV857LA
Description  PLL Clock Driver for 2.5V DDR-SDRAM Memory
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CV857LA Datasheet(HTML) 9 Page - Pericom Semiconductor Corporation

  PI6CV857LA Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6CV857LA Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6CV857LA Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6CV857LA Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6CV857LA Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6CV857LA Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6CV857LA Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6CV857LA Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6CV857LA Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
PS8543
06/11/01
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6CV857L
PLLClockDriverfor
2.5V DDR-SDRAM Memory
Pericom Semiconductor Corporation
2380 Bering Drive • San Jose, CA 95131 • 1-800-435-2336 • Fax (408) 435-1100 • http://www.pericom.com
PackagingMechanical:48-PinTSSOP
.236
.244
.488
.496
.002
.006
SEATING PLANE
.007
.010
.0197
BSC
.004
.008
.319
1
48
12.4
12.6
6.0
6.2
0.50
0.17
0.27
8.1
0.05
0.15
0.09
0.20
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
.018
.030
0.45
0.75
.047
1.20 Max
BSC
e
d
o
C
g
n
i
r
e
d
r
Oe
m
a
N
e
g
a
k
c
a
Pe
p
y
T
e
g
a
k
c
a
P
A
L
7
5
8
V
C
6
I
P8
4
AP
O
S
S
T
e
d
i
w
li
m
-
0
4
2
,
n
i
p
-
8
4
OrderingInformation



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com