Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC-6200-PL Datasheet(PDF) 2 Page - Lightel Technologies INC.

Part # VC-6200-PL
Description  Connector Inspection and Cleaning
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTEL [Lightel Technologies INC.]
Direct Link  http://lightel.com/
Logo LIGHTEL - Lightel Technologies INC.

VC-6200-PL Datasheet(HTML) 2 Page - Lightel Technologies INC.

  VC-6200-PL Datasheet HTML 1Page - Lightel Technologies INC. VC-6200-PL Datasheet HTML 2Page - Lightel Technologies INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2210 Lind Ave SW, Suite 100 Renton, WA 98057 USA
(425) 277-8000 ph (425) 277-5280 fax
sales@lightel.com
www.lightel.com
Add Pass/Fail analysis
and reporting with our
optional ConnectorView
Plus software.
Add optional VC6-
OPM or VC6-OPM-H
power meter
Specifications
Field of View
~425µm x 320µm
Resolution
0.5µm detectable
LCD Display
3.5” LCD-TFT, Pixel 960 x 240
Adjustable brightness
Adjustable contrast
Power Supply
4 AA rechargeable batteries or
6V DC adapter
Automatic power saving
Low power indicator
Electrical Ports
DC adapter plug-in port
USB2.0 image capture port
Lightel probe access port
2 Fiber Optic Connector Ports
Interchangeable tips for various types of
connector ferrules
Dimensions
170mm x 95mm x 30.4mm
Operating Temperature
0ºC to 50ºC
Storage Temperature
-20ºC to 70ºC
Cleaner Cassette
Attaches to ViewConn body
50 sheets per cassette
Wet or dry cleaning options
VC-6200-PL Package Includes
 ViewConn with CleanConn (CC-1)
 Tip for 2.5mm PC connectors
 Tip for 1.25mm PC connectors
 4x AA battery set
 6V DC power adapter
 USB2.0 mini-B cable
 CI-1100 Probe
 CD for USB video driver &
display/capture software
 Tips for PC-type SC, FC and LC in-
bulkhead connectors
 Tip Box
 AA battery charger
 Spare CC-1
 Ruggedized cover
 Soft carrying case
 Neck strap
Ordering Options
VC-6200-PL
ViewConn Plus with US plugs
VC-6200-PL/EU
ViewConn Plus with EU plugs
VC-6200-PL/UK
ViewConn Plus with UK plugs
VC-6200-PL/AU
ViewConn Plus with Australian plugs



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com