Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC-8200 Datasheet(PDF) 1 Page - Lightel Technologies INC.

Part # VC-8200
Description  The one comprehensive tool for field inspection, analysis and cleaning.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTEL [Lightel Technologies INC.]
Direct Link  http://lightel.com/
Logo LIGHTEL - Lightel Technologies INC.

VC-8200 Datasheet(HTML) 1 Page - Lightel Technologies INC.

  VC-8200 Datasheet HTML 1Page - Lightel Technologies INC. VC-8200 Datasheet HTML 2Page - Lightel Technologies INC. VC-8200 Datasheet HTML 3Page - Lightel Technologies INC. VC-8200 Datasheet HTML 4Page - Lightel Technologies INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
The one comprehensive
tool for field inspection,
analysis and cleaning.
ViewConn® Pro
VC-8200
Overview
ViewConn®
Pro
(VC-8200)
is an integrated system for
fiberoptic connector inspection,
evaluation, documentation and
cleaning. With built in Wi-Fi,
ViewConn Pro can send its
Pass/Fail analysis reports via
email to other locations or store
them directly within the unit.
The dual microscopes allow
rapid inspection of both male
and female connectors without
changing tips. Our new auto-
centering feature allows faster
connector endface location and
analysis with the probe.
Designed for ease of use in the
field, the 5” display provides
clear, sharp images, and the
large touchscreen buttons
provide all the necessary
controls for image capture
and analysis. The pre-installed
ConnectorView™ Plus software
requires no calibration and
provides its analysis reports
in seconds.
A wide variety of tips, both
PC and APC, are available. An
optional power meter add-in
module can be integrated into
ViewConn Pro.
2210 Lind Ave SW, Suite 100
Renton, WA 98057 USA
(425) 277-8000 Tel
(425) 277-5280 Fax
www.lightel.com


Similar Part No. - VC-8200

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VC-820 VECTRON-VC-820 Datasheet
240Kb / 7P
CMOS Crystal Oscillator
VC-820 VECTRON-VC-820 Datasheet
240Kb / 7P
CMOS Crystal Oscillator
VC-820 VECTRON-VC-820_12 Datasheet
240Kb / 7P
CMOS Crystal Oscillator
More results

Similar Description - VC-8200

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
FBE-SM1-C JDSU-FBE-SM1-C Datasheet
1Mb / 4P
Fiber Inspection and Cleaning Kits
logo
Agilent(Hewlett-Packard...
B4610A HP-B4610A Datasheet
944Kb / 12P
Data Import Tool for Offline Viewing and Analysis
logo
EPCOS
B44066M7777E230 EPCOS-B44066M7777E230 Datasheet
139Kb / 7P
Grid analysis tool
logo
Spectrum Microwave, Inc...
XDS510 SPECTRUM-XDS510 Datasheet
75Kb / 1P
Comprehensive DSP Tool Solutions
XDS510PP SPECTRUM-XDS510PP Datasheet
78Kb / 1P
Comprehensive DSP Tool Solutions
logo
List of Unclassifed Man...
1545 ETC2-1545 Datasheet
253Kb / 1P
All-in-one Phone and Data Tool
logo
Lightel Technologies IN...
VC-6200-PL LIGHTEL-VC-6200-PL Datasheet
785Kb / 2P
Connector Inspection and Cleaning
logo
TOKYO SEIMITSU CO., LTD
TIMS ACCRETECH-TIMS Datasheet
466Kb / 2P
Continually Improving Analysis Versatility and Expanding Analysis Scope
DISTAX-300A ACCRETECH-DISTAX-300A Datasheet
990Kb / 12P
Automation of Machine Tool Accuracy Inspection
logo
Molex Electronics Ltd.
213309-0400 MOLEX-213309-0400 Datasheet
1Mb / 8P
Hand Crimp Tool for Micro-One Terminals
06-09-20
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com