Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMPC-0980-1-R-1 Datasheet(PDF) 1 Page - Lightel Technologies INC.

Part # PMPC-0980-1-R-1
Description  Polarization Maintaining Patch Cord
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTEL [Lightel Technologies INC.]
Direct Link  http://lightel.com/
Logo LIGHTEL - Lightel Technologies INC.

PMPC-0980-1-R-1 Datasheet(HTML) 1 Page - Lightel Technologies INC.

  PMPC-0980-1-R-1 Datasheet HTML 1Page - Lightel Technologies INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2210 Lind Ave SW, Suite 100 Renton, WA 98057 USA
sales@lightel.com
(425) 277-8000 ph (425) 277-5280 fax
www.lightel.com
Parameter
Specification
Operating Wavelength
≤ 1300 nm
≥ 1300 nm
Insertion Loss
≤ 0.5 dB
≤ 0.3 dB
Extinction Ratio
≥ 20 dB
Return Loss
PC Type Connector
≥ 45 dB
APC Type Connector
≥ 60 dB
TDL
≤ 0.1 dB
Operating & Storage Temperature
- 40° C ~ + 85° C
Fiber Jacket
Bare fiber, 900 µm loose tube, & 2 mm or 3 mm cable
Note1: Higher performance specifications available upon request.
Note2: Fiber Type – PM Panda 250 µm fiber.
Ordering Information
P M P C
–
–
–
–
Wavelength
Fiber Length
Pigtail Style
Connector
0980: 980 nm
1: 1 meter
(=Package style)
1: FC/PC
1310: 1310 nm
2: 2 meter
B: bare fiber
2: FC/APC
1550: 1550 nm
L: 900 m loose tube
K: 2 mm cable
R: 3 mm cable
Specifications
Patch Cord
Polarization Maintaining Patch Cord


Similar Part No. - PMPC-0980-1-R-1

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
PMP DDK-PMP Datasheet
711Kb / 3P
Automotive Coaxial Connector
logo
Sensata Technologies, I...
PMP SENSATA-PMP Datasheet
507Kb / 9P
PROPORTIONAL CONTROL SOLID STATE RELAYS
logo
Merrimac Industries, In...
PMP-3R-10B MERRIMAC-PMP-3R-10B Datasheet
108Kb / 1P
ANALOG PHASE MODULATOR
PMP-3R-500B MERRIMAC-PMP-3R-500B Datasheet
108Kb / 1P
ANALOG PHASE MODULATOR
logo
List of Unclassifed Man...
PMP-400 ETC1-PMP-400 Datasheet
835Kb / 6P
Quik-Spec Power Module Panel
More results

Similar Description - PMPC-0980-1-R-1

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
PMBC1450P0011 OPLINK-PMBC1450P0011 Datasheet
195Kb / 2P
Polarization Maintaining Beam Combination
PMOC13100031 OPLINK-PMOC13100031 Datasheet
291Kb / 2P
Polarization Maintaining Optical Circulators
PMTC1450U011 OPLINK-PMTC1450U011 Datasheet
299Kb / 2P
Polarization Maintaining Tap Coupler
PMBC-S0066 OPLINK-PMBC-S0066 Datasheet
316Kb / 2P
Polarization Maintaining Beam Combiner
PMOC-S0067 OPLINK-PMOC-S0067 Datasheet
154Kb / 2P
Polarization Maintaining Optical Circulators
PMTC-S0068 OPLINK-PMTC-S0068 Datasheet
312Kb / 2P
Polarization Maintaining Tap Coupler
PBOC OPLINK-PBOC Datasheet
267Kb / 2P
Polarization Maintaining Beam Splitter
PMBC OPLINK-PMBC Datasheet
316Kb / 2P
Polarization Maintaining Beam Combiner
PMOC OPLINK-PMOC Datasheet
154Kb / 2P
Polarization Maintaining Optical Circulators
PMTC OPLINK-PMTC Datasheet
312Kb / 2P
Polarization Maintaining Tap Coupler
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com