Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCG-H9RN Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LCG-H9RN
Description  SMD epoxy package
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCG-H9RN Datasheet(HTML) 4 Page - OSRAM GmbH

  LCG-H9RN Datasheet HTML 1Page - OSRAM GmbH LCG-H9RN Datasheet HTML 2Page - OSRAM GmbH LCG-H9RN Datasheet HTML 3Page - OSRAM GmbH LCG-H9RN Datasheet HTML 4Page - OSRAM GmbH LCG-H9RN Datasheet HTML 5Page - OSRAM GmbH LCG-H9RN Datasheet HTML 6Page - OSRAM GmbH LCG-H9RN Datasheet HTML 7Page - OSRAM GmbH LCG-H9RN Datasheet HTML 8Page - OSRAM GmbH LCG-H9RN Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
2013-04-12
4
Version 1.1
LCG H9RN
Characteristics (TS = 25 °C; IF = 700 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Chromaticity coordinates acc. to CIE 1931
2) page 24
Farbkoordinaten nach CIE 1931 2) Seite 24
(within = 500 ... 600 nm)
(typ.)
(typ.)
Cx
Cy
0.318
0.642
-
-
Viewing angle at 50 % IV
Abstrahlwinkel bei 50 % IV
(typ.)
2
120
°
Forward voltage 3) page 24
Durchlassspannung 3)Seite 24
(min.)
(typ.)
(max.)
VF
VF
VF
3.00
3.30
4.00
V
V
V
Reverse current
Sperrstrom
IR
not designed for
reverse operation
Partial Flux acc. CIE 127:2007
Partieller Fluss
(typ.)
E/V, 120°
0.77
Radiating surface
Abstrahlende Fläche
(typ.)
Acolor
0.98 x 0.98
mm²
Real thermal resistance junction / solder point
4) page 24
Realer Wärmewiderstand Sperrschicht / Lötpad
4) Seite 24
(typ.)
(max.)
Rth JS real
Rth JS real
8.5
10.5
K/W
K/W
"Electrical" thermal resistance junction / solder
point 4)page 24
"Elektrischer" Wärmewiderstand Sperrschicht /
Lötpad 4)Seite 24
(with efficiency e = 28 %)
(typ.)
(max.)
Rth JS el
Rth JS el
6.1
7.6
K/W
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com