Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE-T-H3A Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LE-T-H3A
Description  compact lightsource in multi chip on board technology planar sealed
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LE-T-H3A Datasheet(HTML) 4 Page - OSRAM GmbH

  LE-T-H3A Datasheet HTML 1Page - OSRAM GmbH LE-T-H3A Datasheet HTML 2Page - OSRAM GmbH LE-T-H3A Datasheet HTML 3Page - OSRAM GmbH LE-T-H3A Datasheet HTML 4Page - OSRAM GmbH LE-T-H3A Datasheet HTML 5Page - OSRAM GmbH LE-T-H3A Datasheet HTML 6Page - OSRAM GmbH LE-T-H3A Datasheet HTML 7Page - OSRAM GmbH LE-T-H3A Datasheet HTML 8Page - OSRAM GmbH LE-T-H3A Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
2008-07-07
4
LE T H3A, LE B H3A
Kennwerte
Characteristics
(
T
board = 25 °C)
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
true green
blue
Wellenlänge des emittierten Lichtes
(typ.)
Wavelength at peak emission
I
F = 1000 mA (T, B)
λ
peak
516
460
nm
Dominantwellenlänge
4) Seite 16
(min.)
Dominant wavelength
4) page 16
(typ.)
I
F = 1000 mA (T, B)
(max.)
λ
dom
λ
dom
λ
dom
509
520
527
456
464
469
nm
nm
nm
Spektrale Bandbreite bei 50 %
Ι
Vrel max
Spectral bandwidth at 50 %
Ι
Vrel max
(typ.)
I
F = 1000 mA (T, B)
Δλ
44
30
nm
Abstrahlwinkel bei 50 %
Ι
V (Vollwinkel)
(typ.)
Viewing angle at 50 %
Ι
V
2
ϕ
120
120
Grad
deg.
Durchlassspannung pro Chip
5) Seite 16
(min.)
Forward voltage per chip
5) page 16
(typ.)
I
F = 1000 mA (T, B)
(max.)
V
F
V
F
V
F
3.2
4.0
5.0
3.2
4.0
5.0
V
V
V
Temperaturkoeffizient von
λ
peak
Temperature coefficient of
λ
peak
(typ.)
I
F = 1000 mA (T, B); –10°C ≤ T ≤ 100°C
TCλpeak
0.05
0.05
nm/K
Temperaturkoeffizient von
λ
dom
Temperature coefficient of
λ
dom
(typ.)
I
F = 1000 mA (T, B); –10°C ≤ T ≤ 100°C
TCλdom
0.02
0.02
nm/K
Temperaturkoeffizient von
V
F pro Chip
Temperature coefficient of
V
F per chip
(typ.)
I
F = 1000 mA (T, B); –10°C ≤ T ≤ 100°C
TC
V
– 4.5
– 4.5
mV/K
Optischer Wirkungsgrad ohne Linse
Optical efficiency without Lens
(typ.)
I
F = 1000 mA (T, B)
η
opt
20
5.2
lm/W
Abstrahlende Fläche
(typ.)
Radiating Surface
A
Color
3.2 x 2.1
3.2 x 2.1
mm²
Leuchtdichte
Luminance
(typ.)
I
F = 1000 mA (T, B)
L
V
26.0*10
6
6.7*10
6
cd/m²



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com