Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE-W-E3A Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LE-W-E3A
Description  OSTAR짰 - Lighting
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LE-W-E3A Datasheet(HTML) 4 Page - OSRAM GmbH

  LE-W-E3A Datasheet HTML 1Page - OSRAM GmbH LE-W-E3A Datasheet HTML 2Page - OSRAM GmbH LE-W-E3A Datasheet HTML 3Page - OSRAM GmbH LE-W-E3A Datasheet HTML 4Page - OSRAM GmbH LE-W-E3A Datasheet HTML 5Page - OSRAM GmbH LE-W-E3A Datasheet HTML 6Page - OSRAM GmbH LE-W-E3A Datasheet HTML 7Page - OSRAM GmbH LE-W-E3A Datasheet HTML 8Page - OSRAM GmbH LE-W-E3A Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
2008-02-11
4
LE W E3A
Kennwerte
Characteristics
(
T
board = 25 °C)
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
Farbkoordinate x nach CIE 1931
3) Seite 17
(typ.)
Chromaticity coordinate x acc. to CIE 1931
3) page 17
I
F = 700 mA
x
0.33
–
Farbkoordinate y nach CIE 1931
3) Seite 17
(typ.)
Chromaticity coordinate y acc. to CIE 1931
3) page 17
I
F = 700 mA
y
0.33
–
Abstrahlwinkel bei 50 %
Ι
V (Vollwinkel)
(typ.)
Viewing angle at 50 %
Ι
V
2
ϕ
120 (without optics)
Grad
deg.
Durchlassspannung
4) Seite 17)
(min.)
Forward voltage
4) page 17
(typ.)
I
F = 700 mA
(max.)
V
F
V
F
V
F
17.4
20.8
24.5
V
V
V
Sperrstrom
Reverse current
(max.)
I
R
not designed for
reverse operation
μA
Optischer Wirkungsgrad
(typ.)
Optical efficiency
I
F = 700 mA
η
opt
28
lm/W
lm/W
Optischer Wirkungsgrad
(typ.)
Optical efficiency
I
F = 350 mA
η
opt
36
lm/W
lm/W
Abstrahlende Fläche
(typ.)
Radiating Surface
A
Chip
2.1 x 3.2
mm²
Leuchtdichte
(typ.)
Luminance
I
F = 700 mA
L
V
20*10
6
cd/m²
cd/m²



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com