Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4033GS Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP4033GS
Description  TRIAC Dimmable, Primary Side Control Offline LED Controller with Active PFC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4033GS Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP4033GS Datasheet HTML 5Page - Monolithic Power Systems MP4033GS Datasheet HTML 6Page - Monolithic Power Systems MP4033GS Datasheet HTML 7Page - Monolithic Power Systems MP4033GS Datasheet HTML 8Page - Monolithic Power Systems MP4033GS Datasheet HTML 9Page - Monolithic Power Systems MP4033GS Datasheet HTML 10Page - Monolithic Power Systems MP4033GS Datasheet HTML 11Page - Monolithic Power Systems MP4033GS Datasheet HTML 12Page - Monolithic Power Systems MP4033GS Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
MP4033—PRIMARY-SIDE–CONTROL, OFFLINE LED CONTROLLER WITH PFC
MP4033 Rev. 1.0
www.MonolithicPower.com
9
10/22/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
Typical values are VCC =20V, TJ = 25°C, unless otherwise noted.
Minimum and maximum values are at VCC =20V, TJ = -40°C to +125°C, unless otherwise noted,
guaranteed by characterization.
Parameter
Symbol
Condition
Min
Typ
Max
Units
DIM
Source Current
IDIM SOURCE
2
3
4
mA
Sink Current
IDIM SINK
1.5
2.8
4
mA
High Level
VDIM HIGH
5.0
6.1
V
Low Level
VDIM_LOW
0.3
V
Thermal Shutdown
Thermal Shutdown Threshold
(6)
TSD
150
℃
Thermal Shutdown Recovery
Hysteresis
(6
THYS
25
℃
Notes:
5) The multiplier output is given by: Vs=K•VMULT• (VCOMP-1.5)
6) Guaranteed by characterization.
7) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com