Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4050GS Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP4050GS
Description  Non-Isolated, High Brightness, LED Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4050GS Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP4050GS Datasheet HTML 13Page - Monolithic Power Systems MP4050GS Datasheet HTML 14Page - Monolithic Power Systems MP4050GS Datasheet HTML 15Page - Monolithic Power Systems MP4050GS Datasheet HTML 16Page - Monolithic Power Systems MP4050GS Datasheet HTML 17Page - Monolithic Power Systems MP4050GS Datasheet HTML 18Page - Monolithic Power Systems MP4050GS Datasheet HTML 19Page - Monolithic Power Systems MP4050GS Datasheet HTML 20Page - Monolithic Power Systems MP4050GS Datasheet HTML 21Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
MP4050 – NON-ISOLATED, HIGH BRIGHTNESS, LED DRIVER
MP4050 Rev.1.02
www.MonolithicPower.com
18
1/18/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
FLOW CHART
Start
VCC >VCCOFF
Internal High Voltage
Regulator ON
Y
N
Soft Start
Monitor VCC
Y
OTP Monitor
Vcc Decrease
to VCCPRO
Shut Down
Internal High Voltage
Regulator
VCC <VCCON
Y
N
OTP
Logic High?
Y
N
UVLO, OTP, Short Lamp Protection, Open Lamp Protection
All protections are auto restart
Shut off the
Switching
Pulse
N
Y
VFB <0.194V
VCS >VLimit
Turn ON the
MOSFET
Y
VCC <VCCSTOP
Y
Y
N
Monitor Internal VFB
Monitor Source VCS
Turn OFF the
MOSFET
N
Y
VPRO<VUVP
VPRO >VOVP
Turn OFF the
MOSFET
Y
Monitor VPRO
Monitor VPRO
N
N
Figure 14: Control Flow Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com