Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4088 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP4088
Description  Non-Isolated, High PFC, TRIAC Dimmable LED Driver for 230VAC, Up to 10W LEDs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4088 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP4088 Datasheet HTML 9Page - Monolithic Power Systems MP4088 Datasheet HTML 10Page - Monolithic Power Systems MP4088 Datasheet HTML 11Page - Monolithic Power Systems MP4088 Datasheet HTML 12Page - Monolithic Power Systems MP4088 Datasheet HTML 13Page - Monolithic Power Systems MP4088 Datasheet HTML 14Page - Monolithic Power Systems MP4088 Datasheet HTML 15Page - Monolithic Power Systems MP4088 Datasheet HTML 16Page - Monolithic Power Systems MP4088 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
MP4088 – NON
MP4088 Rev. 1.0
11/23/2015
MPS Proprietary Information
OPERATION
The MP4088 is a highly integr
effective, TRIAC dimmable LED
MP4088 requires only a minimal
external components, making it a
IC in high-line (230VAC) input and
applications, especially for small
applications. Hybrid operation mod
both good dimming performance a
output current. The power factor exc
most
applications
to
eliminate
pollution on the AC line. The integ
voltage regulator enables fast star
any perceptible delay. The powe
function at high temperatures prot
from thermal damage.
Hybrid Operation Mode
To achieve smooth TRIAC dim
MP4088
implements
proprieta
operation mode, in which the IC self
internal switching mode between
DCM during different times of the AC
hybrid operation mode actively m
latching current and holding cur
leading edge TRIAC to enable a g
factor.
The hybrid operation mode also
small dimming duty condition. The
CCM during the entire dimming on
the dimmer is set to a small dimm
higher and smoother input current c
excellent dimming performance.
Power Supply
The IC is self-supplied by the in
voltage regulator, which is drawn fro
IC begins switching, and the int
voltage regulator turns off once the
VCC reaches VCCOFF. When the
VCC falls below VCCON, the int
voltage regulator turns on again to
external VCC capacitor. VCC is r
VCCNOR for normal operation.
In TRIAC dimming applications,
high-voltage regulator only works
dimmer is on. To maintain a suffic
capacity, a capacitor of 10μF o
recommended for VCC. If a s
capacitor cannot provide enough po
for the chip, an external chargin
recommended (see Figure 2).
N-ISOLATED, TRIAC DIMMABLE PFC LED DR
www.MonolithicPower.com
n. Patent Protected. Unauthorized Photocopy and Duplication Pro
© 2015 MPS. All Rights Reserved.
rated, cost-
driver. The
number of
competitive
non-isolated
form-factor
de achieves
nd accurate
ceeds 0.7 in
e
harmonic
grated high-
rt-up without
er de-rating
tects the IC
mming, the
ary
hybrid
f-adjusts the
CCM and
C cycle. The
aintains the
rent of the
good power
achieves a
IC works in
n time when
ming duty. A
can achieve
ternal high-
om HV. The
ternal high-
e voltage on
voltage on
ternal high-
o charge the
regulated at
the internal
s when the
cient driving
or larger is
single VCC
ower supply
ng circuit is
When VCC drops below VC
working, and the internal h
recharges the VCC capacito
Figure 2: VCC Char
When a fault conditions occ
OTP, the MP4088 stops
internal
current
sour
discharges the VCC capaci
below
VCCPRO,
the
in
regulator recharges the V
restart time can be calculate
Figure 3 shows the typical
under-voltage lockout.
Figure 3: VCC Under-Volta
Constant Current Operatio
The MP4088 is a highly in
internal feedback logic resp
sample and hold circuit t
output-current regulation.
internal sampling capacitor
the internal reference (VREF)
capacitor voltage (VFB) falls
voltage, indicating an insuff
the integrated MOSFET is
period is determined by th
After the on period elap
MOSFET turns off (see Figu
−
=
×+
NOR
PRO
RESTART
VCC
CC_LATCH
VCC
VCC
tC
C
I
RIVER FOR 230VAC
13
ohibited.
CCSTOP, the IC stops
igh-voltage regulator
or.
rging Circuit
curs, such as OVP or
s working, and an
ce
(ICC_LATCH)
tor. After VCC drops
ternal
high-voltage
VCC capacitor. The
ed with Equation (1):
(1)
waveform with VCC
age Lockout (UVLO)
on
ntegrated driver. The
ponds to the internal
to achieve constant
The voltage of the
(VFB) is compared to
. When the sampling
below the reference
ficient output current,
s turned on. The on
e peak current limit.
ses, the integrated
ure 4).
−
×
OFF
PRO
VCC
REGULATOR
VCC
VCC
C
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com