Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5402M Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP5402M
Description  5A, 36V, Frequency Selectable Step-Down Converter with Smart Dual USB Charging Ports
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5402M Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP5402M Datasheet HTML 9Page - Monolithic Power Systems MP5402M Datasheet HTML 10Page - Monolithic Power Systems MP5402M Datasheet HTML 11Page - Monolithic Power Systems MP5402M Datasheet HTML 12Page - Monolithic Power Systems MP5402M Datasheet HTML 13Page - Monolithic Power Systems MP5402M Datasheet HTML 14Page - Monolithic Power Systems MP5402M Datasheet HTML 15Page - Monolithic Power Systems MP5402M Datasheet HTML 16Page - Monolithic Power Systems MP5402M Datasheet HTML 17Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
MP5402M – STEP-DOWN CONVERTER WITH SMART DUAL USB CHARGING PORTS
MP5402M Rev.1.0
www.MonolithicPower.com
13
10/10/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
Since the trace resistance is different for
different
cables,
the
MP5402M
provides
selectable line drop compensation through
VDROP. The line drop compensation amplitude
increases linearly as the load current increases;
it also has an upper limitation.
USB Output Over-Voltage Protection
In order to protect the device at the cable
terminal, each USB switch output has an
independently dynamic over-voltage protection
threshold. Based on different USB loading
currents, the MP5402M adjusts the OVP
threshold accordingly.
The intelligent line drop compensation and
dynamic over-voltage protection control scheme
ensure that the voltage at the cable terminal
meets the 4.75V-5.25V specifications.
USB Output Discharge
Each USB portion involves a discharge function
that provides a resistive discharge path for the
external output capacitor. The function is active
when the part is disabled (input voltage is under
UVLO, EN off) and is done in a very limited time.
Auto Detection
The MP5402M integrates the USB dedicated
charging port auto-detect function. This function
recognizes most mainstream portable devices. It
supports the following charging schemes:
•
USB battery charging specification BC1.2/
Chinese
telecommunications
industry
standard YD/T 1591-2009
•
Divider mode
•
1.2V/1.2V mode
The auto-detect function is a state machine that
supports all of the DCP charging schemes above.
SYSTEM
Thermal Shutdown (TSD)
Thermal shutdown prevents the chip from
operating at exceedingly high temperatures.
When the silicon die temperature exceeds 165°C,
the
entire
chip
shuts
down.
When
the
temperature falls below its lower threshold
(145°C, typically), the chip is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com