Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5512 Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MP5512
Description  18V, 4.5A, High-Efficiency Energy Storage and Management Unit for SSD Applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5512 Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MP5512 Datasheet HTML 14Page - Monolithic Power Systems MP5512 Datasheet HTML 15Page - Monolithic Power Systems MP5512 Datasheet HTML 16Page - Monolithic Power Systems MP5512 Datasheet HTML 17Page - Monolithic Power Systems MP5512 Datasheet HTML 18Page - Monolithic Power Systems MP5512 Datasheet HTML 19Page - Monolithic Power Systems MP5512 Datasheet HTML 20Page - Monolithic Power Systems MP5512 Datasheet HTML 21Page - Monolithic Power Systems MP5512 Datasheet HTML 22Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
MP5512 – 18V, 4.5A ENERGY STORAGE AND MANAGEMENT UNIT
MP5512 Rev. 1.1
www.MonolithicPower.com
21
4/27/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
SW
VBO
STRG
FBS
RTEST
WARN
PFI
PGB
DVDT
TPOR
VCC
ENCH
EN
DET
MP5512
VIN
U1
169k
R3
22uF
C2B
20k
R4
AGND
PGND
10nF
C6
AGND
1uF
C5
10uH
L1
430k
R5
10k
R6
AGND
4.75k
R7
AGND
PGND
NS
C8
AGND
NS
C7
AGND
1uF
C3
AGND
200k
R8
100k
R1
15k
R2
0.1uF
C1
PGND
AGND
NS
R9
1uF
C4A
PGND
100k
R14
100k
R13
100k
R12
100k
R11
100k
R10
1000uF
C4B
PGND
VCC
100k
R15
0.1uF
C2A
PGND
D1
DFLS240
D3
NS
PGND
D2
NS
VCC
VIN
VB
VS
Figure 9: 12V Input, 35V Storage Typical Application Circuit
Figure 10: 5V Input, 12V Storage Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com