Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8760D Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP8760D
Description  High Efficiency, 6A, 18V Synchronous Step-down Converter With Output Discharge
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8760D Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP8760D Datasheet HTML 9Page - Monolithic Power Systems MP8760D Datasheet HTML 10Page - Monolithic Power Systems MP8760D Datasheet HTML 11Page - Monolithic Power Systems MP8760D Datasheet HTML 12Page - Monolithic Power Systems MP8760D Datasheet HTML 13Page - Monolithic Power Systems MP8760D Datasheet HTML 14Page - Monolithic Power Systems MP8760D Datasheet HTML 15Page - Monolithic Power Systems MP8760D Datasheet HTML 16Page - Monolithic Power Systems MP8760D Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
MP8760D ― 6A, 18V, SYNCHRONOUS STEP-DOWN CONVERTER
MP8760D Rev. 1.1
www.MonolithicPower.com
13
1/15/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
OPERATION
PWM Operation
The MP8760D is a fully integrated synchronous
rectified step-down switch mode converter. It
uses Constant-on-time (COT) control to provide a
fast
transient
response
and
ease
loop
stabilization.
At the beginning of each cycle, the high-side
MOSFET (HS-FET) turns ON when the feedback
voltage (VFB) drops below the reference voltage
(VREF), which indicates an insufficient output
voltage. The input voltage and the frequency-set
resistor determine the ON period as follows:
FREQ
ON
IN
6.1 R
(k )
T(ns)
V(V) 0.4
×Ω
=
−
(1)
After the ON period elapses, the HS-FET turns
off. It turns ON again when VFB drops below VREF.
By repeating this operation, the converter
regulates the output voltage. The integrated low-
side MOSFET (LS-FET) turns on when the HS-
FET is OFF to minimize the conduction loss.
There is a dead short (or shoot-through)
between input and GND if both HS-FET and LS-
FET turn on at the same time. A dead-time (DT)
internally generated between HS-FET OFF and
LS-FET ON, or LS-FET OFF and HS-FET ON
avoids shoot-through.
Heavy-Load Operation
Figure 2—Heavy Load Operation
When the output current is high and the inductor
current is always above zero amps, it is called
continuous-conduction-mode (CCM). Figure 2
shows the CCM operation. When VFB is below
VREF,
HS-FET
turns
on
for
a
fixed
interval determined by the one-shot on-timer as
per equation 1. When the HS-FET turns off, the
LS-FET turns on until the next period.
In CCM operation, the switching frequency is
fairly constant and is also called PWM mode.
Light-Load Operation
As the load decreases, the inductor current
decreases too. When the inductor current
touches zero, the operation is transited from
continuous-conduction-mode
(CCM)
to
discontinuous-conduction-mode (DCM).
Figure 3 shows the light load operation. When
VFB drops below VREF, HS-FET turns on for a
fixed interval determined by the one- shot on-
timer as per equation 1. When the HS-FET turns
off, the LS-FET turns on until the inductor current
reaches zero. In DCM operation, the VFB does
not reach VREF when the inductor current is
approaching zero. The LS-FET driver turns into
tri-state (high Z) whenever the inductor current
reaches zero. A current modulator takes over the
control of LS-FET and limits the inductor current
less than -1mA. Hence, the output capacitors
discharge slowly to GND through LS-FET. As a
result, this mode improves greatly the light load
efficiency. At light load condition, the HS-FET
does not turns ON as frequently as at heavy load
condition. This is called skip mode.
At light load or no load condition, the output
drops very slowly and the MP8760D reduces the
switching frequency naturally and then achieves
high efficiency at light load.
Figure 3—Light Load Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com