Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8762H Datasheet(PDF) 28 Page - Monolithic Power Systems

Part # MP8762H
Description  High Efficiency, 10A, 18V Synchronous Step-down Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8762H Datasheet(HTML) 28 Page - Monolithic Power Systems

Back Button MP8762H Datasheet HTML 24Page - Monolithic Power Systems MP8762H Datasheet HTML 25Page - Monolithic Power Systems MP8762H Datasheet HTML 26Page - Monolithic Power Systems MP8762H Datasheet HTML 27Page - Monolithic Power Systems MP8762H Datasheet HTML 28Page - Monolithic Power Systems MP8762H Datasheet HTML 29Page - Monolithic Power Systems MP8762H Datasheet HTML 30Page - Monolithic Power Systems MP8762H Datasheet HTML 31Page - Monolithic Power Systems MP8762H Datasheet HTML 32Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
MP8762H ― 10A, 18V, SYNCHRONOUS STEP-DOWN CONVERTER
MP8762H Rev. 1.2
www.MonolithicPower.com
28
6/21/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Figure 34 — Efficiency Curve
VOUT=1.5V, IOUT=0.01A-10A, FSW=500kHz
Figure 35 — Typical Application Circuit with Low ESR Ceramic Capacitor
VIN=12V, VOUT=1.5 V, IOUT=10A, FSW=800kHz
Figure 36 — Efficiency Curve
VOUT=1.5V, IOUT=0.01A-10A, FSW=800kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com