Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZPX3.0 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # ZPX3.0
Description  SURFACE MOUNT SILICON ZENER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

ZPX3.0 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  ZPX3.0 Datasheet HTML 1Page - SUNMATE electronic Co., LTD ZPX3.0 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ZPX3.0 - ZPX200
VOLTAGE RANGE: 3.0 - 200V
Complete Voltage Range 3.0 to 200 Volts
POWER: 1.3Wa t t s
Rating
Symbol
Value
Unit
DC Power Dissipation at TL = 50
°C (Note1)
PD
1.3
Watts
Maximum Forward Voltage at IF = 200 mA
VF
1.0
Volts
Maximum Thermal Resistance Junction to Ambient Air (Note2)
RθJA
130
K / W
Junction Temperature Range
TJ
- 55 to + 175
°C
Storage Temperature Range
Ts
- 55 to + 175
°C
Note :
(1) TL = Lead temperature at 3/8 " (9.5mm) from body
(2) Valid provided that leads are kept at ambient temperature at a distance of 10 mm from case.
Features
!
!
!
!
High peak reverse power dissipation
High reliability
Low leakage current
SURFACE MOUNT SILICON ZENER DIODES
1 of 2
www.sunmate.tw
: SOD-123FL
plastic body over passivated junction
Method 2026
: Color band denotes cathode end
: Any
Case
Terminals
Polarity
Mounting Position
: Plated axial leads,
solderable per MIL-STD-750,
Mechanical Data
!
!
!
!
!
! Weight:0.0007 ounce, 0.02 grams
3.58 3.72
0.55
0.57
0.53
0.15
0.17
0.13
E
D
1.00
1.03
0.097
1.05
1.08
1.02
1
1.80
1.83
1.77
2.75
2.78
2.72
A
3.65
3
SOD-123FL
Dim
Min
Max
Typ
B
C
H
L
All Dimensions in mm
A
E
L
B
C
E
H
D
Maximum Ratings @ TA = 25°C unless otherwise specified
.


Similar Description - ZPX3.0

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
BZX84B2V4 PANJIT-BZX84B2V4 Datasheet
114Kb / 4P
SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W_09 Datasheet
143Kb / 4P
SURFACE MOUNT SILICON ZENER DIODES
MMBZ5221BW PANJIT-MMBZ5221BW_10 Datasheet
121Kb / 4P
SURFACE MOUNT SILICON ZENER DIODES
MMBZ5229AW PANJIT-MMBZ5229AW_09 Datasheet
127Kb / 4P
SURFACE MOUNT SILICON ZENER DIODES
MMSZ4687-V PANJIT-MMSZ4687-V_10 Datasheet
77Kb / 4P
SURFACE MOUNT SILICON ZENER DIODES
PZ6.2B PANJIT-PZ6.2B Datasheet
90Kb / 2P
SURFACE MOUNT SILICON ZENER DIODES
logo
SUNMATE electronic Co.,...
MM5Z2V4 SUNMATE-MM5Z2V4_16 Datasheet
381Kb / 2P
SURFACE MOUNT SILICON ZENER DIODES
SZ252H SUNMATE-SZ252H_15 Datasheet
561Kb / 2P
SURFACE MOUNT SILICON ZENER DIODES
1SMA4728A SUNMATE-1SMA4728A_15 Datasheet
466Kb / 2P
SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com