Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1091 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AP1091
Description  2.4~2.5 GHz Power Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AP1091 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AP1091 Datasheet HTML 1Page - List of Unclassifed Manufacturers AP1091 Datasheet HTML 2Page - List of Unclassifed Manufacturers AP1091 Datasheet HTML 3Page - List of Unclassifed Manufacturers AP1091 Datasheet HTML 4Page - List of Unclassifed Manufacturers AP1091 Datasheet HTML 5Page - List of Unclassifed Manufacturers AP1091 Datasheet HTML 6Page - List of Unclassifed Manufacturers AP1091 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP1091
2.4~2.5 GHz Power Amplifier
2003.03.27
For more information,please contact us at:
Sales Dept.
Tel: +886-2-2698-1022
e-mail: sales@rfintc.com
© 2003 RF Integrated Corporation. All rights reserved.
RF integrated Corp. reserved the right to make any changes to the specifications without notice.
2of 7
Absolute Maximum Ratings
Power Detector Spec.
V
1.5
0.3
Detector Voltage Range
mA
120
Idle Current
P
out=24 dBm
P
out=19 dBm
mA
mA
290
220
Supply Current
Vcc=3.3V, Meeting 802.11b
spectrum mask
Vcc=3.3V, Pout=24dBm, CW mode
dBm
%
24
33
linear output power
Power Added Efficiency
Power Amplifier Overall Spec.
2.4
Min.
Specification
2.5 : 1
2 : 1
50
-32
28
27.5
26.5
Typ.
P
IN<-17 dBm
Output VSWR
P
IN<-17 dBm
Input VSWR
On-chip matching
P
OUT at P1 dB
Ohm
dBc
Input Impedance
Harmonics (2f,3f)
P
out=24 dBm With 11Mb/s, CCK
modulation
P
out=19 dBm With 54Mb/s, OFDM
modulation
dB
dB
Power Gain
Vcc =3.3V
dBm
P1dB
GHz
2.5
Frequency Range
Condition
Unit
Max.
Parameter
Caution
RF Integrated Corp. believes the information
provided is reliable at present time. However,
we assumes no responsibility for inaccuracies
and omissions and use of the information
shall be entirely at the user’s own risk. RF
Integrated Corp. reserves the right to make
change to the specifications without notice.
°
C
-40 to +125
Storage Temperature
°
C
-40 to +85
Operating Ambient Temperature
dBm
+2
RF Input Power
mA
400
DC Supply Current For Collector
V
+6
DC Power Supply For Collector
Unit
Rating
Parameter
Note: 1.Exceeding these ratings could cause damage to the device.
2.Nominal operation condition is biasing at 3.3V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com