Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARS25 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ARS25
Description  25.0 AMPS. High Current Plastic Silicon Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ARS25 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ARS25 Datasheet HTML 1Page - List of Unclassifed Manufacturers ARS25 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 384 -
ARS25 / AR25 SERIES
25.0 AMPS. High Current Plastic Silicon Rectifiers
Voltage Range
50 to 1000 Volts
Current
25.0 Amperes
Features
a
Plastic material used carries Underwriters
Laboratory Classification 94V-O
a
Low cost construction utilizing void-free molded
plastic technique
a
Low cost
a
Diffused junction
a
Low leakage
a
High surge capability
a
High temperature soldering guaranteed:
250°C for 10 seconds
Mechanical Data
a
Case: Molded plastic case
a
Terminals: Plated terminals, solderable per MIL-
Terminals: STD-202, Method 208
a
Polarity: Color ring denotes cathode end
a
Weight: 0.07 ounce, 1.8 grams
a Mounting position: Any
ARS
AR
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
ARS
25A
ARS
25B
ARS
25D
ARS
25G
ARS
25J
ARS
25K
ARS
25M
Type Number
AR25A AR25B AR25D AR25G AR25J AR25K AR25M
Units
Maximum Recurrent Peak Revere Voltage
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
@Tc = 150°C
25
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated Load
(JEDEC method ) at TJ=150°C
400
A
M
aximum Instantaneous Forward Voltage @ 25A
1.0
V
Maximum DC Reverse Current @ Tc=25°C
at Rated DC Blocking Voltage @ Tc=100°C
5.0
250
uA
uA
Typical Reverse Recovery Time (Note 2)
3.0
uS
Typical Junction Capacitance ( Note 1 )
TJ=25°C
300
pF
Typical Thermal Resistance R
ÛJC ( Note 3 )
1.0
°C/W
Operating and Storage Temperature Range TJ, TSTG
-50 to +175
°C
Notes: 1. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C.
Notes: 2. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
Notes: 3. Thermal Resistance from Junction to Case, Singe Side Cooled.


Similar Part No. - ARS25

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
ARS25 TSC-ARS25 Datasheet
77Kb / 2P
25.0 AMPS. High Current Plastic Silicon Rectifiers
logo
Yangzhou yangjie electr...
ARS25 YANGJIE-ARS25 Datasheet
756Kb / 2P
25.0 AMPS. HIGH CURRENT PLASTIC SILICON RECTIFIERS
logo
Gaomi Xinghe Electronic...
ARS2500 GXELECTRONICS-ARS2500 Datasheet
489Kb / 2P
Rating at 25??Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
logo
Yangzhou yangjie electr...
ARS25005 YANGJIE-ARS25005 Datasheet
756Kb / 2P
25.0 AMPS. HIGH CURRENT PLASTIC SILICON RECTIFIERS
logo
Nantong Hornby Electron...
ARS25005 HORNBY-ARS25005 Datasheet
231Kb / 3P
HIGH CURRENT PLASTIC SILICON RECTIFIER
More results

Similar Description - ARS25

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRS2535CT TSC-MBRS2535CT Datasheet
81Kb / 2P
25.0 AMPS. Schottky Barrier Rectifiers
ARS35 TSC-ARS35 Datasheet
73Kb / 2P
35.0 AMPS. High Current Plastic Silicon Rectifiers
ARS50 TSC-ARS50 Datasheet
73Kb / 2P
50.0 AMPS. High Current Plastic Silicon Rectifiers
ARS25 TSC-ARS25 Datasheet
77Kb / 2P
25.0 AMPS. High Current Plastic Silicon Rectifiers
ARS TSC-ARS Datasheet
340Kb / 2P
25.0 AMPS. High Current Button Rectifiers
logo
Yangzhou yangjie electr...
ARS25 YANGJIE-ARS25 Datasheet
756Kb / 2P
25.0 AMPS. HIGH CURRENT PLASTIC SILICON RECTIFIERS
ARS35 YANGJIE-ARS35 Datasheet
751Kb / 2P
35.0 AMPS. HIGH CURRENT PLASTIC SILICON RECTIFIERS
ARS50 YANGJIE-ARS50 Datasheet
749Kb / 2P
50.0 AMPS. HIGH CURRENT PLASTIC SILICON RECTIFIERS
logo
Taiwan Semiconductor Co...
AR25 TSC-AR25 Datasheet
560Kb / 2P
25.0 AMPS. High Current Button Rectifiers
ARS25 TSC-ARS25_10 Datasheet
569Kb / 2P
25.0 AMPS. High Current Button Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com