Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P257 Datasheet(PDF) 13 Page - ELAN Microelectronics Corp

Part # EM78P257
Description  8-BIT MICROCONTROLLER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P257 Datasheet(HTML) 13 Page - ELAN Microelectronics Corp

Back Button EM78P257 Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 10Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 11Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 12Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 13Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 14Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 15Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 16Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 17Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 91 page
background image
EM78P257
OTP ROM
This specification is subject to change without prior notice.
07.27.2004 (V1.4)
13
Address
R PAGE registers
IOCX0 PAGE registers
00
R0
(Indirect Addressing Register)
Reserve
01
R1
(Time Clock Counter)
CONT (Control Register)
02
R2
(Program Counter)
Reserve
03
R3
(Status Register)
Reserve
04
R4
(RAM Select Register)
Reserve
05
R5
(Port5)
IOC50 (I/O Port Control Register)
06
R6
(Port6)
IOC60 (I/O Port Control Register)
07
R7
(Port7)
IOC70 (I/O Port Control Register)
08
Reserve
09
0A
0B
IOCB0
(Pull-down Control
Register)
0C
0D
0E
0F
IOCF0 (Interrupt Mask Register)
10
︰
1F
General Registers
20
:
3F
Bank0
Bank1
IOCX1 PAGE registers
IOC80
(TCC Control Register)
IOC90
(CMP Control Register)
IOCA0
(CO-Input Combine
sequence)
IOCC0
(Open-drain Control
Register)
IOCD0 (Pull-high Control Register)
IOCE0 (WDT Control Register)
IOC51
(TCCA Counter)
IOC61
(TCCBL Counter)
IOC71
(TCCBH Counter)
IOC81
(TCCC Counter)
IOC91
(Low-time Register)
IOCA1
(High-time Register)
IOCB1
(Pulse time Register)
Reserve
Reserve
Reserve
Reserve
Reserve
Reserve
Reserve
Reserve
Reserve
(CMPOUT Status Register
& TCC Status Register)
(TCC Control Register(1))
(TCC Control Register(2))
(TCC Prescaler Register)
(IR Control Register)
(Mouse Control Register)
(Interrupt Status Register)
R9
RA
RD
RE
RF
RB
RC
Fig. 5 Data memory configuration
4. R3 (Status Register)
7
6
5
4
3
2
1
0
RST
IOCS
PS0
T
P
Z
DC
C
• Bit 7 (RST) Bit for reset type.
Set to 1 if wake-up from sleep on pin change or comparator status change.
Set to 0 if wake-up from other reset types



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com