Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GF-CS8PM1.24 Datasheet(PDF) 19 Page - OSRAM GmbH

Part # GF-CS8PM1.24
Description  SMT ceramic package with silicone resin and silicone lens
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GF-CS8PM1.24 Datasheet(HTML) 19 Page - OSRAM GmbH

Back Button GF-CS8PM1.24 Datasheet HTML 14Page - OSRAM GmbH GF-CS8PM1.24 Datasheet HTML 15Page - OSRAM GmbH GF-CS8PM1.24 Datasheet HTML 16Page - OSRAM GmbH GF-CS8PM1.24 Datasheet HTML 17Page - OSRAM GmbH GF-CS8PM1.24 Datasheet HTML 18Page - OSRAM GmbH GF-CS8PM1.24 Datasheet HTML 19Page - OSRAM GmbH GF-CS8PM1.24 Datasheet HTML 20Page - OSRAM GmbH GF-CS8PM1.24 Datasheet HTML 21Page - OSRAM GmbH GF-CS8PM1.24 Datasheet HTML 22Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
OHA02044
1
0
1
1
210021998
0
2
4 5
1
0
1
1
210021998
0
2
45
Packing
Sealing label
Barcode label
Moist
ure
L
evel
3
Fl
oor
time
168
Hour
s
M
oist
ure
Level
6
F
loor
t
ime
6
Hours
a)
H
u
midit
y
Indicat
o
r Card
i
s
>
10%
when
re
ad
at
2
3
˚C
±
5
˚C
,
or
reflow,
va
p
or
-pha
s
e
ref
lo
w
, or
eq
u
ivalent
proc
essing
(peak
pack
ag
e
2
. A
fter
th
is
ba
g
is
ope
n
ed,
d
ev
ic
e
s
th
a
t
wil
l
b
e
s
u
b
ject
ed
t
o
in
fra
re
d
1
. Shel
f
life
in
sealed
bag:
24
m
o
n
ths
at
<
40
˚C
and
<
90%
relative
h
umidity
(R
H).
Moi
s
tur
e
L
e
vel
5
a
at
factory
co
n
d
itions
o
f
(if
blank
, sea
l
d
at
e
i
s
id
entica
l w
ith
date
c
ode).
a)
Mo
u
nted
w
ithin
b)
St
ored
at
b
ody
te
mp
.
3
.
Devi
ces
r
e
qui
re
bakin
g,
before
m
o
untin
g,
i
f:
Ba
g
sea
l d
a
te
Mo
ist
ure
Level
1
Moi
s
ture
L
e
vel
2
M
o
ist
ure
Le
vel
2a
4.
If
ba
k
ing
is
req
ui
red
,
b)
2
a
o
r
2b
is
no
t m
e
t.
Date
a
n
d
t
ime
o
pened:
re
ferenc
e
IPC/
JEDEC
J-
S
T
D
-03
3
for
bak
e
proce
du
re
.
Fl
o
or
time
s
ee
below
If
blank,
se
e
bar
code
l
abel
Fl
oor
time
>
1
Yea
r
Fl
oor
tim
e
1
Year
Floor
time
4
Week
s
10%
RH.
_
<
Mo
ist
ure
Leve
l 4
Moist
ure
Level
5
˚C).
O
P
TO
SEMI
C
O
N
DUCTORS
MOISTURE
S
ENSITI
VE
This
bag
cont
ains
CAUTI
ON
F
loor
time
72
Hour
s
Fl
o
or
ti
me
48
Hours
Floor
time
24
H
o
urs
30
˚C
/60%
RH
.
_
<
LEVEL
If
bla
n
k
, see
ba
r
code
labe
l
Barcode label



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com