Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GF-CSHPM1.24 Datasheet(PDF) 18 Page - OSRAM GmbH

Part # GF-CSHPM1.24
Description  SMT ceramic package with silicone resin and silicone lens
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GF-CSHPM1.24 Datasheet(HTML) 18 Page - OSRAM GmbH

Back Button GF-CSHPM1.24 Datasheet HTML 14Page - OSRAM GmbH GF-CSHPM1.24 Datasheet HTML 15Page - OSRAM GmbH GF-CSHPM1.24 Datasheet HTML 16Page - OSRAM GmbH GF-CSHPM1.24 Datasheet HTML 17Page - OSRAM GmbH GF-CSHPM1.24 Datasheet HTML 18Page - OSRAM GmbH GF-CSHPM1.24 Datasheet HTML 19Page - OSRAM GmbH GF-CSHPM1.24 Datasheet HTML 20Page - OSRAM GmbH GF-CSHPM1.24 Datasheet HTML 21Page - OSRAM GmbH GF-CSHPM1.24 Datasheet HTML 22Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
OHA04563
(G) GROUP:
1234567890
(1T) LOT NO:
(9D) D/C:
1234
(X) PROD NO:
123456789
(6P) BATCH NO:
1234567890
LX XXXX
RoHS Compliant
BIN1: XX-XX-X-XXX-X
ML
X
Temp
ST
XXX °C X
Pack: RXX
DEMY
XXX
X_X123_1234.1234 X
9999
(Q)QTY:
Semiconductors
OSRAM Opto
XX-XX-X-X
LE
X
X
PLE
LLXX
234.1234 X
X-X-X
LLLLLL
PL
XXX
XXX
12
123
XX-
XX-
MPL
XX
X
X X123 1
1
XX-XX
MPL
Pack: RX
Pack: RX
DEMY
DEMY
MP
4
MP
AMP
M
M
M
AM
M
AM
M
D) D/C
D) D/C
234
234
M
M
M
M
M
3
PL
Pack: R
DEMY
AM
M
M
AM
AM
D/
MP
M
M
M
:
123
AM
AM
AAM
(9D
XAAA
XAA
XA
XXA
X
EXA
EX
EX
EXXXXA
XX
EX
EXX
7890
7890
EXXXXXX
EX
EXA
EEEX
EX
EEXX
EEX
EEX
EX
EX
:
1234567
rs
EEEEEEEEE
NO:
NO:
234
234
EX
ors
ors
XA
X
890
X
RX
DEMY
12
D) D/C:
234
(
7890
NO:
234
pto
XXX
123
XX-
Pack: R
DEMY
tors
OHA00539
Moisture-sensitive label or print
Barcode label
Desiccant
Humidity indicator
Barcode label
OSRAM
Moistu
re
Level
3
Floo
r time
168
Hours
M
oisture
Level
6
F
loor
time
6
Hours
a)
Humi
dity
Indicator
Card
is
>
10%
when
read
at
2
3
˚C
±
5
˚C,
or
refl
o
w,
v
ap
or-p
hase
reflow,
or
equivalent
processing
(peak
package
2.
After
this
bag
is
open
ed,
d
evices
tha
t will
be
subjected
to
infrared
1.
Shelf
life
in
sealed
b
ag:
24
months
at
<
40
˚C
and
<
90%
relativ
e
hum
idity
(RH).
Moisture
Level
5a
at
factor
y
conditions
of
(if
blank,
seal
date
is
ide
n
tical
wi
th
date
code
).
a)
Mounted
within
b)
St
ored
at
body
temp.
3.
Devices
re
qui
re
baking,
before
mounting,
if:
Ba
g
seal
d
ate
Moisture
Level
1
Moisture
Level
2
Moisture
Level
2a
4.
I
f
baking
is
required,
b)
2a
or
2b
is
not
met.
Date
and
time
opened:
ref
erence
IPC/JEDE
C
J-STD-
033
for
bake
procedure.
Floor
time
see
below
If
blank,
see
bar
code
la
bel
Flo
or
time
>
1
Ye
a
r
Floor
time
1
Year
Floor
time
4
Weeks
10%
RH.
_
<
Moisture
Level
4
Moi
sture
Level
5
˚C).
O
PTO
SEMICONDUCTORS
MO
ISTURE
SENSITIVE
This
bag
contains
CAUTION
Floor
time
72
Hours
Floor
ti
me
48
Hou
rs
Floor
time
24
H
ours
30
˚C/6
0%
RH.
_
<
LEVEL
If
bl
an
k,
se
e
bar
code
label



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com