Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GH-CS8PM1.24 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # GH-CS8PM1.24
Description  SMT ceramic package with silicone resin and silicone lens
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GH-CS8PM1.24 Datasheet(HTML) 2 Page - OSRAM GmbH

  GH-CS8PM1.24 Datasheet HTML 1Page - OSRAM GmbH GH-CS8PM1.24 Datasheet HTML 2Page - OSRAM GmbH GH-CS8PM1.24 Datasheet HTML 3Page - OSRAM GmbH GH-CS8PM1.24 Datasheet HTML 4Page - OSRAM GmbH GH-CS8PM1.24 Datasheet HTML 5Page - OSRAM GmbH GH-CS8PM1.24 Datasheet HTML 6Page - OSRAM GmbH GH-CS8PM1.24 Datasheet HTML 7Page - OSRAM GmbH GH-CS8PM1.24 Datasheet HTML 8Page - OSRAM GmbH GH-CS8PM1.24 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2017-11-23
2
Version 2.0
GH CS8PM1.24
Ordering Information
Bestellinformation
Type:
Radiant Power
Ordering Code
Typ:
Strahlungsleistung
Bestellnummer
I
F = 350 mA
ΦE [mW]
GH CS8PM1.24-3T1U-1-L
355 ... 450
Q65112A5326
CS8PM1.24-3T1U-1-L means that only one group 1U, 3T, 4T will be shippable for any packing unit.
Anm.:
Die oben genannten Typbezeichnungen umfassen die bestellbaren Selektionen. Diese bestehen aus wenigen Helligkeitsgruppen
einer Verpackungseinheit nur eine der Helligkeitsgruppen 1U, 3T, 4T enhalten ist.
Only one group will be shipped on each packing unit (there will be no mixing of two groups on each packing unit). E. g. GH
Note:
The above Type Numbers represent the order groups which include only a few brightness groups (see page 5).
Es wird nur eine einzige Helligkeitsgruppe pro Verpackungseinheit geliefert. Z. B. GH CS8PM1.24-3T1U-1-L bedeutet, dass in
(siehe Seite 5).
1) page 21
1) Seite 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com