Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP023 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP023
Description  Primary Side CC/CV Flyback Controller with High Voltage Current Source and Programmable Cable Compensation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP023 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP023 Datasheet HTML 9Page - Monolithic Power Systems MP023 Datasheet HTML 10Page - Monolithic Power Systems MP023 Datasheet HTML 11Page - Monolithic Power Systems MP023 Datasheet HTML 12Page - Monolithic Power Systems MP023 Datasheet HTML 13Page - Monolithic Power Systems MP023 Datasheet HTML 14Page - Monolithic Power Systems MP023 Datasheet HTML 15Page - Monolithic Power Systems MP023 Datasheet HTML 16Page - Monolithic Power Systems MP023 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
MP023 – PRIMARY-SIDE CC/CV CONTROLLER
MP023 Rev. 1.1
www.MonolithicPower.com
13
7/18/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
OPERATION
The MP023 is a primary-side controller that
provides
accurate,
constant
voltage
and
constant current regulation without the need of
an optocoupler or secondary feedback circuit.
As shown in the Typical Application diagram,
the circuit is designed to operate with a minimal
number of external components.
Start-Up
The IC is self-supplied by the internal high-
voltage current source, which is drawn from HV.
Once the voltage on VCC reaches the VCC on
threshold (VCCH), the internal high-voltage
current source turns off for better efficiency.
Afterward,
the
auxiliary
winding
of
the
transformer takes over the power supply. When
VCC falls below the VCC off threshold (VCCL),
the IC stops switching, and the internal high-
voltage current source turns on again (see
Figure 2).
Figure 2: VCC UVLO
Peak Current Control on the Primary Side
The MP023 senses the primary current IP(t)
through the current sense resistor (RS), shown
in Figure 3.
Figure 3: Simplified Flyback Converter
The current rises linearly at a rate shown in
Equation (1):
Pin
m
dI (t)
V
dt
L
(1)
Figure 4: Primary Current Waveform
When the current Ip(t) rises up to Ipk (see Figure
4), the primary switch turns off. The value of Ipk
can be calculated with Equation (2):
CS
pk
S
V
I
R
(2)
The inductor (Lm) stores energy with each cycle.
See Equation (3):
2
mpk
1
EL I
2
(3)
The power transferred from the input to the
output can be calculated with Equation (4):
2
mpk s
1
PL I f
2
(4)
Where fS is the switching frequency.
In
constant
current
(CC)
operation,
the
reference for Ipk is fixed at VLimit-Max. In constant
voltage (CV) operation, Ipk is modulated by the
switching frequency (see Figure 5).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com