Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP163 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP163
Description  700V, Non-Isolated, Offline Regulator with Integrated LDO
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP163 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP163 Datasheet HTML 5Page - Monolithic Power Systems MP163 Datasheet HTML 6Page - Monolithic Power Systems MP163 Datasheet HTML 7Page - Monolithic Power Systems MP163 Datasheet HTML 8Page - Monolithic Power Systems MP163 Datasheet HTML 9Page - Monolithic Power Systems MP163 Datasheet HTML 10Page - Monolithic Power Systems MP163 Datasheet HTML 11Page - Monolithic Power Systems MP163 Datasheet HTML 12Page - Monolithic Power Systems MP163 Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
MP163 – 700V, NON-ISOLATED, OFFLINE REGULATOR WITH INTEGRATED LDO
MP163 Rev. 1.01
www.MonolithicPower.com
9
8/11/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS
710
720
730
740
750
760
770
780
790
800
810
-40 -25-10 5 20 35 50 65 80 95 110125
5.69
5.70
5.71
5.72
5.73
2.52
2.53
2.54
2.55
2.56
5.42
5.43
5.44
5.45
5.46
5.47
5.48
5.49
5.50
2.30
2.35
2.40
2.45
2.50
2.55
2.60
-40 -25-10 5 20 35 50 65 80 95 110125
-40 -25-10 5 20 35 50 65 80 95 110125
-40 -25-10 520 35 50 65 80 95 110125
-40 -25-10 520 35 50 65 80 95 110125
-40 -25-10 520 35 50 65 80 95 110125
-40 -25-10 5 20 35 50 65 80 95 110125
-40 -25-10 5 20 35 50 65 80 95 110125
-40 -25-10 5 20 35 50 65 80 95 110125
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.85
0.90
0.95
1.00
1.05
1.10
0.85
0.80
0.90
0.95
1.00
1.05
1.10
0.98
0.99
1.00
1.01
1.02
1.03
1.04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com