Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AHSC-1607PI Datasheet(PDF) 1 Page - Allied Components International

Part # AHSC-1607PI
Description  10/100 Base T PoE LAN Filter Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

AHSC-1607PI Datasheet(HTML) 1 Page - Allied Components International

  AHSC-1607PI Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
07/10/2015
SCHEMATICS
Dimensions:inch( mm)
All specifications subject to change without notice.
MECHANICAL
10/100 Base T PoE LAN Filter Module
AHSC-1607PI
Electrical Specifications @ 25°C
Part
Number
OCL(uH Min)
@ 100kHz, 0.2V
Turns Ratio
Pri/Sec
(±5%)
Insertion Loss
(dB Max)
Return Loss
(dB Min)
With 8mA DC Bias
0.3-100MHz
0.3-30MHz
AHSC-1607PI
350
1CT:1CT
-1.1
-16
60-80MHz
-10
50MHz
-12
Part
Number
AHSC-1607PI
Electrical Specifications @ 25°C
Cross Talk
(dB Min)
HI-POT
(Vrms)
-35
1500
0.3-30MHz
-40
80-100MHz
-30
Common Mode Rejection
(dB Min)
60-100MHz
-35
0.3-60MHz
-42
60MHz
ALLIED DATECODE
HSC-1607-R
6.90
13.05 max
10.0
Max
6.30
Max
0.10 Min
1.27
0.46
0°~8°
6.61
10.67
0.76
1.27
8.89
0.50 Min
AHSC-1607PI
Unless otherwise specified, all tolerances are
0.25.
RD+ 1
TCT 7
RD - 3
TD+ 6
TD - 8
16 RX+
14 RX -
11 TX+
9
TX -
1CT:1CT
1CT:1CT
RCT 2
15 RXCT
10 TXCT
For PoE applications with 350mA current capability compliant to 802.3AT
Cw/w:25PF Max @ 100KHz, 0.2V
Industrial Temp: -40ºC to +85ºC
Ethernet based LAN, WAN and other networking applications


Similar Part No. - AHSC-1607PI

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AHSC-1607PS ALLIED-AHSC-1607PS Datasheet
396Kb / 1P
10/100 Base T Single Port LAN Filter Module
More results

Similar Description - AHSC-1607PI

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AH1601CI ALLIED-AH1601CI Datasheet
539Kb / 2P
10/100 Base T Single Port LAN Filter Module
AHSC-0804S ALLIED-AHSC-0804S Datasheet
277Kb / 1P
10/100 Base T Single Port LAN Filter Module
AHTA-1202PS ALLIED-AHTA-1202PS Datasheet
300Kb / 1P
10/100 Base T Single Port PoE LAN Filter Module
logo
Bourns Electronic Solut...
SM51625EL BOURNS-SM51625EL Datasheet
252Kb / 2P
LAN 10/100/1000 Base-T (PoE) Transformer
logo
Allied Components Inter...
A10GS-2401PS ALLIED-A10GS-2401PS Datasheet
979Kb / 1P
10G BASE-T LAN PoE Plus Filter Module
AHSC-1201I ALLIED-AHSC-1201I Datasheet
814Kb / 1P
10/100 Base-T PoE Single Port LAN Filter Module
AHSC-4196I ALLIED-AHSC-4196I Datasheet
820Kb / 1P
10/100 Base T Single Port PoE Plus Lan Filter
AHSC-4400I ALLIED-AHSC-4400I Datasheet
644Kb / 1P
10/100 Base-T Single Port PoE Lan Filter
AHTA-1202PI ALLIED-AHTA-1202PI Datasheet
308Kb / 1P
10/100 Base T Single Port PoE LAN Filter Module
logo
Taoglas antenna solutio...
TM2019ANL TAOGLAS-TM2019ANL Datasheet
902Kb / 9P
LAN Transformer 10/100 Base-T PoE
2022-11-08
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com