Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP173 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP173
Description  700 V Non-Isolated Off-Line Regulator Up to 280 mA Output Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP173 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP173 Datasheet HTML 1Page - Monolithic Power Systems MP173 Datasheet HTML 2Page - Monolithic Power Systems MP173 Datasheet HTML 3Page - Monolithic Power Systems MP173 Datasheet HTML 4Page - Monolithic Power Systems MP173 Datasheet HTML 5Page - Monolithic Power Systems MP173 Datasheet HTML 6Page - Monolithic Power Systems MP173 Datasheet HTML 7Page - Monolithic Power Systems MP173 Datasheet HTML 8Page - Monolithic Power Systems MP173 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MP173– NON-ISOLATED OFFLINE REGULATOR
MP173 Rev. 1.0
www.MonolithicPower.com
4
8/19/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VCC = 5.5 V, TJ = -40°C~125°C, min and max are guaranteed by characterization, typical is tested
under 25°C, unless otherwise specified.
Parameter
Symbol Condition
Min
Typ
Max
Units
Start-up Current Source and Internal MOSFET (DRAIN)
Internal regulator supply current
Iregulator
VCC = 4 V; VDrain = 100 V
2.2
4.1
6
mA
DRAIN leakage current
ILeak
VCC = 5.8 V; VDrain = 400 V
10
17
μA
Breakdown voltage
V(BR)DSS TJ = 25°C
700
V
TJ = 25°C
14
18
Ω
ON resistance
Ron
TJ = 125°C
22
27
Ω
Supply Voltage Management (VCC)
VCC level (increasing) where the internal
regulator stops
VCCOFF
5.4
5.7
6
V
VCC level (decreasing) where the
internal regulator turns on
VCCON
5.1
5.5
5.8
V
VCC regulator on and off hysteresis
130
250
mV
VCC level (decreasing) where the IC
stops
VCCstop
3
3.4
3.6
V
VCC level (decreasing) where the
protection phase ends
VCCpro
2
2.5
2.8
V
Internal IC consumption
ICC
fs = 28 kHz, D = 67.8%
720
μA
Internal IC consumption (no switching)
ICC
200
µA
Internal IC consumption, latch-off phase
ICCLATCH VCC = 5.3 V
16
24
μA
Internal Current Sense
Peak current limit
ILimit
TJ = 25°C
380
420
460
mA
Leading-edge blanking
τLEB1
350
ns
SCP threshold
ISCP
TJ = 25°C
500
600
760
mA
Leading-edge blanking for SCP
(1)
τLEB2
180
ns
Feedback Input (FB)
Minimum off time
τminoff
9
12
15
μs
Maximum on time
τmanon
17
24
31
μs
Primary MOSFET feedback turn-on
threshold
VFB
2.45
2.55
2.65
V
OLP feedback trigger threshold
VFB_OLP
1.64
1.74
1.84
V
OLP delay time
τOLP
fs = 28 kHz
220
ms
Open-loop detection
VOLD
0.4
0.5
0.6
V
Thermal Shutdown
Thermal shutdown threshold
(1)
150
°C
Thermal shutdown recovery hysteresis
(1)
30
°C
NOTE:
1) This parameter is guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com