Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP173GS Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP173GS
Description  700 V Non-Isolated Off-Line Regulator Up to 280 mA Output Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP173GS Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP173GS Datasheet HTML 5Page - Monolithic Power Systems MP173GS Datasheet HTML 6Page - Monolithic Power Systems MP173GS Datasheet HTML 7Page - Monolithic Power Systems MP173GS Datasheet HTML 8Page - Monolithic Power Systems MP173GS Datasheet HTML 9Page - Monolithic Power Systems MP173GS Datasheet HTML 10Page - Monolithic Power Systems MP173GS Datasheet HTML 11Page - Monolithic Power Systems MP173GS Datasheet HTML 12Page - Monolithic Power Systems MP173GS Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
MP173– NON-ISOLATED OFFLINE REGULATOR
MP173 Rev. 1.0
www.MonolithicPower.com
9
8/19/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
OPERATION
MP173 is a green-mode-operation regulator: The
peak current and the switching frequency both
decrease with a decreasing load. As a result, it
offers excellent light-load efficiency and improves
overall average efficiency. Also, the regulator
incorporates multiple features and operates with
a minimum number of external components.
The MP173 acts as a fully integrated regulator
when used in buck topology (see Typical
Application on page 1).
Start-Up and Under-Voltage Lockout
The internal high-voltage regulator self-supplies
the IC from DRAIN. When VCC voltage reaches
VCCOFF, the IC starts switching, and the internal
high-voltage regulator turns off. The internal high-
voltage regulator turns on to charge the external
VCC capacitor when the VCC voltage falls below
VCCON. A small capacitor (in the low μF range)
maintains the VCC voltage and thus lowers the
capacitor cost.
The IC stops switching when the VCC voltage
drops blow VCCstop.
Under fault conditions—such as OLP, SCP, and
TSD—the IC stops switching, and an internal
current source (~16 μA) discharges the VCC
capacitor. The internal high-voltage regulator will
not charge the VCC capacitor until the VCC
voltage drops below VCCpro. The re-start time
can be estimated using Equation (1):
pro
OFF
pro
restart
VCC
CCLATCH
regulator
VCC VCC
VCC
VCC
C
II






(1)
Soft Start (SS)
The IC stops operation when the VCC voltage
drops blow VCCstop; the IC starts operation when
VCC charges to VCCOFF. Every time the chip
starts operation there is a soft-start period. The
soft start prevents the inductor current from
overshooting by limiting the minimum off time.
MP173 adopts a 2 phase minimum off time limit
soft start. Each soft-start phase retains 128
switching cycles. During a soft start, the off time
limit gradually shortens from 48 μs to 24 μs and
finally reaches the normal operation off-time limit
(see Figure 2).
128 Switching cycle
48us
128 Switching cycle
24us
12us
Driver
Figure 2—
min off
at start-up
Constant Voltage (CV) Operation
The MP173 regulates the output voltage by
monitoring the sampling capacitor (C3).
At the beginning of each cycle, the integrated
MOSFET turns on while the feedback voltage
drops below the 2.55 V reference voltage, which
indicates insufficient output voltage. The peak
current limitation determines the on period. After
the on period elapses, the integrated MOSFET
turns off. The sampling capacitor (C3) voltage is
charged to the output voltage when the
freewheeling diode (D1) turns on. In this way, the
sampling capacitor (C3) samples and holds the
output
voltage
for
output
regulation.
The
sampling capacitor (C3) voltage decreases when
the L1 inductor current falls below the output
current. When the feedback voltage falls below
the 2.55 V reference voltage, a new switching
cycle begins. Figure 3 shows this operation in
continuous
conduction
mode
(CCM).
MOSFET
Diode
I
L
Ipeak
Io
Vo
VFB
2.55V
Figure 3—VFB vs. VO
Equation (2) determines the output voltage:

R1 R2
Vo 2.55V
R2
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com