Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB3216-310 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MB3216-310
Description  MB3216 SHAPES AND DIMENSIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MB3216-310 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MB3216-310 Datasheet HTML 1Page - List of Unclassifed Manufacturers MB3216-310 Datasheet HTML 2Page - List of Unclassifed Manufacturers MB3216-310 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Coilmaster
Coilmaster Electronics Co., Ltd.
E-mail :info@coilmaster.com.tw
9F-1 No.398, Huan Bei Rd. Chung Li City, Taoyuan 320, Taiwan
Web Site : www.coilmaster.com.tw
Tel : +886-3-422-8279
Fax : +886-3-422-8734
MB3216 SERIES
PACKAGING SPECIFICATION
E
A
D
R
C
t
W
A
B
C
D
E
W8
W12
t
R
T(ψ178mm)
Reel
ψ
178±2
ψ
60±1
ψ
13±0.8
ψ
21±0.8
2
10±1.5
14.5±1.5
1.27±0.2
1
T(ψ330mm)
Reel
ψ
330±2
ψ
100±2
ψ
13±0.8
ψ
21±0.8
2
10±1.5
14.5±1.5
1.27±0.2
1
TYPE
A
B
T
t
T(ψ178mm)
T(ψ330mm)
3216
1.90
3.50
1.40
0.2
3000 pcs/reel
10000 pcs/reel



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com