Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP44014 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP44014
Description  Boundary Mode PFC Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP44014 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP44014 Datasheet HTML 4Page - Monolithic Power Systems MP44014 Datasheet HTML 5Page - Monolithic Power Systems MP44014 Datasheet HTML 6Page - Monolithic Power Systems MP44014 Datasheet HTML 7Page - Monolithic Power Systems MP44014 Datasheet HTML 8Page - Monolithic Power Systems MP44014 Datasheet HTML 9Page - Monolithic Power Systems MP44014 Datasheet HTML 10Page - Monolithic Power Systems MP44014 Datasheet HTML 11Page - Monolithic Power Systems MP44014 Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MP44014 – BOUNDARY MODE PFC CONTROLLER
MP44014 Rev. 1.01
www.MonolithicPower.com
8
11/10/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
FB
Feedback.
The output voltage is fed into FB through a resistor divider.
2
COMP
Output of the error amplifier.
A compensation network is connected between COMP and
FB.
3
MULT
Input of the multiplier.
Connect MULT to the rectified main voltage via a resistor divider to
provide the sinusoidal reference for the current control loop.
4
CS
Current sense.
The current through the MOSFET is fed into CS via a resistor. The resulting
voltage on CS is compared with the output of the internal multiplier to get an internal
sinusoidal-shaped reference to determine the MOSFET’s turn-off. The on-chip R/C filter can
reduce high frequency noise on CS. Also, suggest to add a RC filter on the CS pin in case of
switching noise is too large.
5
ZCS
Inductor’s zero-crossing current sensing input
. A negative transition edge triggers the
MOSFET’s turn-on. Suggest to connect a 22pF cap from this ZCS to GND to tune ZVS point.
6
GND
Ground.
7
GATE
Gate driver output.
The high output current of the gate driver is able to drive a low-cost
power MOSFET. The high-level voltage of GATE is clamped to 12V in case GATE is supplied
with a high VCC.
8
VCC
Supply voltage for both the signal path of the IC and the gate driver.
A bypass capacitor
from VCC to ground is needed to reduce noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com