Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MO-RX3930-FS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MO-RX3930-FS
Description  FSK RECEIVER MODULE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MO-RX3930-FS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MO-RX3930-FS Datasheet HTML 1Page - List of Unclassifed Manufacturers MO-RX3930-FS Datasheet HTML 2Page - List of Unclassifed Manufacturers MO-RX3930-FS Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Holy Stone Enterprise Co., Ltd
MO-RX3930-FS
FSK RECEIVER MODULE
315/434/ 868/914.5 MHz FSK RECEIVER
禾伸堂企業股份有限公司
TEL:886-2-26596722
Holy Stone Enterprise CO.,LTD
FAX:886-2-26596720
VER2.0 2004-6-20
roduct Identification
Description
MO-RX3930-FS is an FSK receiver module. The MO-RX3930-FS is
based on a single-conversion super-heterodyne receiver architecture and
incorporates an entire Phase-Locked Loop (PLL) for precise local oscillator
generation. It can use in OOK / HCS / PWM modulation signal and
demodulate to digital signal. MO-RX3930-FS had a high performance and
easily to design your product.
It can be used on wireless security system or specific remote-control
function and others wireless system
Applications
Car security system
Remote keyless entry
Garage door controller
Home security
Wireless mouse
Automation system
Features
Low power consumption.
Easy for application.
On-Chip VCO with integrated PLL using crystal
oscillator reference.
Integrated IF and data filters.
Operation temperature range : ﹣20℃~+85℃
Operation voltage : 2.4~ 5 Volts.
Available frequency at :ISM Band 315/434/ 868 /
914MHz
P
315MHz
MO-RX3930-FS315M
433.92MHz
MO-RX3930-FS434M
868.35MHz
MO-RX3930-FS868M
914.5MHz
MO-RX3930-FS914M


Similar Part No. - MO-RX3930-FS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MO-RXLC-A ETC2-MO-RXLC-A Datasheet
111Kb / 4P
SUPER-REGENERATION RECEIVER MODULE
MO-RXLC-AS315M ETC2-MO-RXLC-AS315M Datasheet
111Kb / 4P
SUPER-REGENERATION RECEIVER MODULE
MO-RXLC-AS434M ETC2-MO-RXLC-AS434M Datasheet
111Kb / 4P
SUPER-REGENERATION RECEIVER MODULE
More results

Similar Description - MO-RX3930-FS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7775M SANYO-LA7775M Datasheet
74Kb / 5P
Wideband FSK Receiver
logo
List of Unclassifed Man...
RRF1-XXX-Y ETC2-RRF1-XXX-Y Datasheet
25Kb / 2P
FSK Superhet Receiver
logo
LANSDALE Semiconductor ...
ML3356 LANSDALE-ML3356 Datasheet
973Kb / 9P
Wideband FSK Receiver
ML13055 LANSDALE-ML13055 Datasheet
313Kb / 9P
Wideband FSK Receiver
logo
Motorola, Inc
MC3356 MOTOROLA-MC3356_1 Datasheet
211Kb / 8P
Wideband FSK Receiver
logo
Melexis Microelectronic...
MLX71121 MELEXIS-MLX71121_15 Datasheet
356Kb / 29P
FSK/OOK Receiver
logo
Motorola, Inc
MC13055 MOTOROLA-MC13055 Datasheet
207Kb / 8P
WIDEBAND FSK RECEIVER
logo
LANSDALE Semiconductor ...
ML13055 LANSDALE-ML13055_08 Datasheet
243Kb / 9P
Wideband FSK Receiver
ML3356 LANSDALE-ML3356_08 Datasheet
276Kb / 9P
Wideband FSK Receiver
logo
HOPE Microelectronics C...
RFM218BW HOPE-RFM218BW Datasheet
395Kb / 4P
FSK Receiver Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com