Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MO-RX3930-FS868M Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MO-RX3930-FS868M
Description  FSK RECEIVER MODULE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MO-RX3930-FS868M Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MO-RX3930-FS868M Datasheet HTML 1Page - List of Unclassifed Manufacturers MO-RX3930-FS868M Datasheet HTML 2Page - List of Unclassifed Manufacturers MO-RX3930-FS868M Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
禾伸堂企業股份有限公司
TEL:886-2-26596722
Holy Stone Enterprise CO.,LTD
FAX:886-2-26596720
VER2.0 2004-6-20
MO-RX3930-FS
Abs
Rating
Units
olute Maximum Ratings
Parameter
Supply Voltage
5.0
V DC
Operating Temperature
-20 to +85
Electronical Characteristics
Specification
Parameter
Symbo
l
Condition
Min.
Max.
Unit
Typical
Operatio
V
n Voltage
2.4
3.6
5.0
315MHz
434MHz
868MHz
-104
-102
dBm
ensitivity
Psens
Vcc=3.0V,
ate
914MHz
-104
-102
dBm
S
1Kbps Data R
ASK out logic HIGH
VOH
Iload = 10μ
0
A
.7*Vcc
V DC
ASK out logic LOW
VOL
Iload = 10μA
0.3*vcc
V DC
Supply current
Icc
8
10
mA
Standby current
Rx ena
is Lo
0.6
ble
mA
Tune on Time
T
Rx
n
on
enable 0ff- turn o
6
ms
Data Rate
300
8k
-
bps
Output duty
Vcc=5V; 1kbps data rate
40
60
%
Pin Dimension
Name
Dimension
Name
Dimension
A
43mm+-0.5mm
D
2.54mm+-0.3mm
B
12.4mm+-0.5mm
E
5mm+-0.5mm
C
25.4mm+-0.3mm
F
6mm (Max)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com