Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM4N650HD Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # RM4N650HD
Description  N-Channel Super Junction Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

RM4N650HD Datasheet(HTML) 1 Page - Rectron Semiconductor

  RM4N650HD Datasheet HTML 1Page - Rectron Semiconductor RM4N650HD Datasheet HTML 2Page - Rectron Semiconductor RM4N650HD Datasheet HTML 3Page - Rectron Semiconductor RM4N650HD Datasheet HTML 4Page - Rectron Semiconductor RM4N650HD Datasheet HTML 5Page - Rectron Semiconductor RM4N650HD Datasheet HTML 6Page - Rectron Semiconductor RM4N650HD Datasheet HTML 7Page - Rectron Semiconductor RM4N650HD Datasheet HTML 8Page - Rectron Semiconductor RM4N650HD Datasheet HTML 9Page - Rectron Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
N-Channel Super Junction Power MOSFET
VDS@Tjmax
650
V
RDS(ON) MAX
1200
mΩ
ID
4
A
General Description
Features
New technology for high voltage device
Low on-resistance and low conduction losses
Small package
Ultra Low Gate Charge cause lower driving requirements
100% Avalanche Tested
ROHS compliant
Application
Power factor correction
PFC
Switched mode power supplies(SMPS)
Uninterruptible Power Supply
UPS
Package Marking And Ordering Information
Device
Device Package
Marking
RM4N650T2
TO-220
4N650
RM4N650HD
TO-263
4N650
RM4N650TI
Table 1.
Absolute Maximum Ratings (TC=25
)
Parameter
Symbol
RM4N650T2
RM4N650HD
RM4N650TI
Unit
Drain-Source Voltage (
VGS=0V
VDS
650
V
Gate-Source Voltage (
VDS=0V)
VGS
30
V
Continuous Drain Current
at Tc=25°C
ID (DC)
4
4*
A
Continuous Drain Current
at Tc=100°C
ID (DC)
2.5
2.5
A
Pulsed drain current
(Note 1)
IDM (pluse)
12
12
A
Maximum Power Dissipation(Tc=25
)
Derate above 25
°C
PD
46
0.37
28.5
0.23
W
W/
°C
Single pulse avalanche energy
(Note2)
EAS
130
mJ
Avalanche current
(Note 1)
IAR
2
A
Repetitive Avalanche energy
tAR limited by Tjmax
(Note 1)
EAR
0.2
mJ
Schematic diagram
TO-263
TO-220
TO-220F
TO-220F
4N650
RM4N650HD
RM4N650T2
RM4N650TI
The
series of devices use advanced super junction
technology and design to provide excellent RDS(ON) with low
gate charge. This super junction MOSFET fits the industry’s
AC-DC
SMPS
requirements
for
PFC,
AC/DC
power
conversion, and industrial power applications.
2017-05
REV:A15


Similar Part No. - RM4N650HD

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RM4N650IP RECTRON-RM4N650IP Datasheet
641Kb / 9P
N-Channel Super Junction Power MOSFET
RM4N650LD RECTRON-RM4N650LD Datasheet
641Kb / 9P
N-Channel Super Junction Power MOSFET
More results

Similar Description - RM4N650HD

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE60R2K2I NCEPOWER-NCE60R2K2I Datasheet
608Kb / 8P
N-Channel Super Junction Power MOSFET
NCE70R2K2I NCEPOWER-NCE70R2K2I Datasheet
607Kb / 8P
N-Channel Super Junction Power MOSFET
NCE70R360D NCEPOWER-NCE70R360D Datasheet
673Kb / 10P
N-Channel Super Junction Power MOSFET
NCE80R1K2I NCEPOWER-NCE80R1K2I Datasheet
601Kb / 8P
N-Channel Super Junction Power MOSFET
NCE65R1K2 NCEPOWER-NCE65R1K2 Datasheet
667Kb / 10P
N-Channel Super Junction Power MOSFET
NCE70R900I NCEPOWER-NCE70R900I Datasheet
603Kb / 8P
N-Channel Super Junction Power MOSFET
logo
Rectron Semiconductor
RM5N650IP RECTRON-RM5N650IP Datasheet
525Kb / 8P
N-Channel Super Junction Power MOSFET
RM5N700IP RECTRON-RM5N700IP Datasheet
974Kb / 8P
N-Channel Super Junction Power MOSFET
RM12N500T2 RECTRON-RM12N500T2 Datasheet
1Mb / 8P
N-Channel Super Junction Power MOSFET
RM12N650LD RECTRON-RM12N650LD Datasheet
627Kb / 9P
N-Channel Super Junction Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com