Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GT-CSSPM1.13 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # GT-CSSPM1.13
Description  SMT ceramic package with silicone resin and silicone lens
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GT-CSSPM1.13 Datasheet(HTML) 4 Page - OSRAM GmbH

  GT-CSSPM1.13 Datasheet HTML 1Page - OSRAM GmbH GT-CSSPM1.13 Datasheet HTML 2Page - OSRAM GmbH GT-CSSPM1.13 Datasheet HTML 3Page - OSRAM GmbH GT-CSSPM1.13 Datasheet HTML 4Page - OSRAM GmbH GT-CSSPM1.13 Datasheet HTML 5Page - OSRAM GmbH GT-CSSPM1.13 Datasheet HTML 6Page - OSRAM GmbH GT-CSSPM1.13 Datasheet HTML 7Page - OSRAM GmbH GT-CSSPM1.13 Datasheet HTML 8Page - OSRAM GmbH GT-CSSPM1.13 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
2017-06-30
4
Version 1.1
GT CSSPM1.13
Characteristics (TJ = 25 °C; IF = 350 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Wavelength at peak emission
Wellenlänge d. emittierten Lichtes
(typ.)
λ
peak
521
nm
Dominant Wavelength
Dominantwellenlänge
(min.)
(typ.)
(max.)
λdom
λdom
λdom
513
528
543
nm
nm
nm
Spectral bandwidth at 50% Irel max
Spektrale Bandbreite b. 50% I
rel max
(typ.)
∆λ
33
nm
Viewing angle at 50 % I
V
Abstrahlwinkel bei 50 % I
V
(typ.)
2ϕ
120
°
Forward voltage
Durchlassspannung
(min.)
(typ.)
(max.)
VF
VF
VF
3.00
3.35
3.60
V
V
V
Reverse voltage
Sperrspannung
(I
R = 20 mA)
(max.)
VR
1.2
V
Real thermal resistance junction / solder point
Realer Wärmewiderstand Sperrschicht / Lötpad
(typ.)
(max.)
R
th JS real
Rth JS real
8.2
9.8
K/W
K/W
"Electrical" thermal resistance junction / solder point
"Elektrischer" Wärmewiderstand Sperrschicht /
Lötpad
(with efficiency ηe = 22 %)
(typ.)
(max.)
Rth JS el
R
th JS el
6.4
7.6
K/W
K/W
2) page 21
2) Seite 21
3) page 21
3) Seite 21
3) page 21
3) Seite 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com