Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GY-CS8PM1.23 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # GY-CS8PM1.23
Description  SMT ceramic package with silicone resin and silicone lens
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GY-CS8PM1.23 Datasheet(HTML) 1 Page - OSRAM GmbH

  GY-CS8PM1.23 Datasheet HTML 1Page - OSRAM GmbH GY-CS8PM1.23 Datasheet HTML 2Page - OSRAM GmbH GY-CS8PM1.23 Datasheet HTML 3Page - OSRAM GmbH GY-CS8PM1.23 Datasheet HTML 4Page - OSRAM GmbH GY-CS8PM1.23 Datasheet HTML 5Page - OSRAM GmbH GY-CS8PM1.23 Datasheet HTML 6Page - OSRAM GmbH GY-CS8PM1.23 Datasheet HTML 7Page - OSRAM GmbH GY-CS8PM1.23 Datasheet HTML 8Page - OSRAM GmbH GY-CS8PM1.23 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
2017-07-04
OSLON
® SSL 80
Datasheet
Version 1.1
GY CS8PM1.23
New, higher performing OSLON SSL family LED with
well known superior robustness, high reliability, long
lifetime, low thermal resistance. Perfectly addressing
applications demanding for high efficiency and long
lifetime requirement.
Neue leistungsstärkere LED aus der OSLON SSL
Familie mit altbekannter hoher Robustheit und
Zuverlässigkeit, mit langer Lebensdauer und geringem
thermischem Widerstand. Speziell entwickelt für
Applikationen, bei denen hohe Effizient und lange
Lebensdauer gefragt ist.
Features:
Besondere Merkmale:
•
Package: SMT ceramic package with silicone resin
and silicone lens
•
Gehäusetyp: SMT-Keramikgehäuse mit
Silikonverguss und -linse
•
Viewing angle at 50 % I
V: 80°
•
Abstrahlwinkel bei 50 % I
V: 80°
•
Color: 593 nm (yellow)
•
Farbe: 593 nm (gelb)
•
Luminous Flux: typ. 76 lm
•
Lichtstrom: typ. 76 lm
•
Luminous efficacy: typ. 99 lm/W
•
Lichtausbeute: typ. 99 lm/W
•
Corrosion Robustness: Superior Corrosion
Robustness
•
Korrosionsstabilität: Höchste
Korrosionsbeständigkeit
•
Lumen Maintenance: Test results according to
IESNA LM-80 available
•
Lichtstromerhaltung: Testergebnisse nach
IESNA LM-80 verfügbar
Applications
Anwendungen
•
Accent and effect lighting
•
Akzent- und Effektbeleuchtung
•
Architectural lighting
•
Architekturbeleuchtung
•
Shop lighting
•
Ladenbeleuchtung
•
Stage lighting
•
Bühnenbeleuchtung
2017-10-27
1


Similar Part No. - GY-CS8PM1.23

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
GY-CS8PM1-23 AMSOSRAM-GY-CS8PM1-23 Datasheet
1Mb / 22P
OSLON® SSL 80
Version 1.6 2023-03-22
More results

Similar Description - GY-CS8PM1.23

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWCS8PM1.EM OSRAM-GWCS8PM1.EM Datasheet
1Mb / 25P
SMT ceramic package with silicone resin and silicone lens
GWCSSRM1.BM OSRAM-GWCSSRM1.BM Datasheet
1Mb / 25P
SMT ceramic package with silicone resin and silicone lens
GF-CS8PM2.24 OSRAM-GF-CS8PM2.24 Datasheet
1Mb / 22P
SMT ceramic package with silicone resin and silicone lens
GF-CSHPM1.24 OSRAM-GF-CSHPM1.24 Datasheet
378Kb / 22P
SMT ceramic package with silicone resin and silicone lens
GH-CSSRM2.24 OSRAM-GH-CSSRM2.24 Datasheet
1Mb / 22P
SMT ceramic package with silicone resin and silicone lens
LA-CP7P OSRAM-LA-CP7P Datasheet
884Kb / 20P
SMT ceramic package with silicone resin and silicone lens
LA-CPDP OSRAM-LA-CPDP Datasheet
1Mb / 23P
SMT ceramic package with silicone resin and silicone lens
LD-CQDP OSRAM-LD-CQDP Datasheet
1Mb / 23P
SMT ceramic package with silicone resin and silicone lens
GW-CSSRM2.PM OSRAM-GW-CSSRM2.PM Datasheet
2Mb / 25P
SMT ceramic package with silicone resin and silicone lens
LUW-CQ7P OSRAM-LUW-CQ7P Datasheet
1Mb / 26P
SMT ceramic package with silicone resin and silicone lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com