Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KP-CSLPM1.F1 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # KP-CSLPM1.F1
Description  white molded SMD ceramic package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KP-CSLPM1.F1 Datasheet(HTML) 1 Page - OSRAM GmbH

  KP-CSLPM1.F1 Datasheet HTML 1Page - OSRAM GmbH KP-CSLPM1.F1 Datasheet HTML 2Page - OSRAM GmbH KP-CSLPM1.F1 Datasheet HTML 3Page - OSRAM GmbH KP-CSLPM1.F1 Datasheet HTML 4Page - OSRAM GmbH KP-CSLPM1.F1 Datasheet HTML 5Page - OSRAM GmbH KP-CSLPM1.F1 Datasheet HTML 6Page - OSRAM GmbH KP-CSLPM1.F1 Datasheet HTML 7Page - OSRAM GmbH KP-CSLPM1.F1 Datasheet HTML 8Page - OSRAM GmbH KP-CSLPM1.F1 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
2018-02-08
1
2018-02-08
OSRAM OSTAR Projection Compact
Datasheet
Version 1.2
KP CSLPM1.F1
Compact light source with isolated heat sink for
improved heat dissipation and high current chip
technology for increased light output.
Kompakte Lichtquelle mit isolierter Wärmesenke für
verbesserte Wärmeableitung und
Hochstromchiptechnologie für mehr Lichtausbeute.
Features:
Besondere Merkmale:
•
Package: white molded SMD ceramic package
•
Gehäusetyp: weißes gemoldetes SMD
Keramikgehäuse
•
Technology: ThinGaN (UX:3)
•
Technologie: ThinGaN (UX:3)
•
Viewing angle at 50 % I
V: 120°
•
Abstrahlwinkel bei 50 % I
V: 120°
•
Color: Cx = 0.32, Cy = 0.64 acc. to CIE 1931
(pure green) within λ = 500 ... 600 nm
•
Farbe: Cx = 0.32, Cy = 0.64 nach CIE 1931 (pure
green) im Bereich λ = 500 ... 600 nm
•
ESD - withstand voltage: 8 kV acc. to
ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
•
ESD - Festigkeit: 8 kV nach ANSI/ESDA/JEDEC
JS-001 (HBM, Klasse 3B)
Applications
Anwendungen
•
Projection
•
Projektion
•
Stage and Entertainment Lighting
•
Bühnen- und Effektbeleuchtung
•
Headup Display
•
Headup Display


Similar Part No. - KP-CSLPM1.F1

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
KP-CSLPM1-F1 AMSOSRAM-KP-CSLPM1-F1 Datasheet
2Mb / 26P
OSRAM OSTAR™ Projection Compact
Version 1.6 2026-07-03
More results

Similar Description - KP-CSLPM1.F1

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL008-WCW24 P-TEC-PL008-WCW24 Datasheet
32Kb / 1P
White SMD LED PLCC-2 Package
PL0084-WC3W24 P-TEC-PL0084-WC3W24 Datasheet
31Kb / 1P
White SMD LED PLCC-4 Package
PL0084-WCW15Z P-TEC-PL0084-WCW15Z Datasheet
32Kb / 1P
SMD LED PLCC-4 Package White
logo
OSRAM GmbH
LWW5SM-KXLX-JKQL-24E4 OSRAM-LWW5SM-KXLX-JKQL-24E4 Datasheet
702Kb / 23P
white SMD package
LYW5SM-HZJZ-46-1 OSRAM-LYW5SM-HZJZ-46-1 Datasheet
611Kb / 22P
white SMD package
logo
SunLED Corporation
XZMYLA143S SUNLED-XZMYLA143S Datasheet
341Kb / 7P
White SMD package with silicone resin
logo
OSRAM GmbH
LBW5SG OSRAM-LBW5SG Datasheet
168Kb / 14P
white SMD package, colorless clear
KR-CSLNM1.23 OSRAM-KR-CSLNM1.23 Datasheet
762Kb / 24P
white molded SMD ceramic package
LR-W5SN OSRAM-LR-W5SN Datasheet
410Kb / 20P
white SMD package, colorless clear silicone
LV-W5SN OSRAM-LV-W5SN Datasheet
382Kb / 18P
white SMD package, colorless clear silicone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com