Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCY-H9PP Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LCY-H9PP
Description  SMD epoxy package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCY-H9PP Datasheet(HTML) 1 Page - OSRAM GmbH

  LCY-H9PP Datasheet HTML 1Page - OSRAM GmbH LCY-H9PP Datasheet HTML 2Page - OSRAM GmbH LCY-H9PP Datasheet HTML 3Page - OSRAM GmbH LCY-H9PP Datasheet HTML 4Page - OSRAM GmbH LCY-H9PP Datasheet HTML 5Page - OSRAM GmbH LCY-H9PP Datasheet HTML 6Page - OSRAM GmbH LCY-H9PP Datasheet HTML 7Page - OSRAM GmbH LCY-H9PP Datasheet HTML 8Page - OSRAM GmbH LCY-H9PP Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
2015-08-12
1
2015-08-12
OSLON Black Flat
Datasheet
Version 1.7
LCY H9PP
OSLON Black Flat is a new small size high-flux LED for
slim designs. The black package stands for high
stability.
OSLON Black Flat ist eine neue kompakte hoch
effiziente Lichtquelle für platzsparende Designs. Das
schwarze Gehäuse steht für eine hohe Stabilität.
Features:
Besondere Merkmale:
•
Package: SMD epoxy package
•
Gehäusetyp: SMD Epoxid Gehäuse
•
Technology: ThinGaN (UX:3)
•
Technologie: ThinGaN (UX:3)
•
Viewing angle at 50 % I
V: 120°
•
Abstrahlwinkel bei 50 % I
V: 120°
•
Color: Cx = 0.57, Cy = 0.42 acc. to CIE 1931
(yellow)
•
Farbe: Cx = 0.57, Cy = 0.42 nach CIE 1931 (gelb)
•
ESD - withstand voltage: 8 kV acc. to
ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
•
ESD - Festigkeit: 8 kV nach ANSI/ESDA/JEDEC
JS-001 (HBM, Klasse 3B)
•
Corrosion Robustness: Improved corrosion
robustness
•
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
•
Qualifications: The product qualification test plan
is based on the guidelines of AEC-Q101-REV-C,
Stress Test Qualification for Automotive Grade
Discrete Semiconductors.
•
Qualifikationen: Die Produktqualifikation wurde
entsprechend der Richtlinie AEC-Q101-REV-C,
„Stress Test Qualification for Automotive Grade
Discrete Semiconductors“, getestet.
Applications
Anwendungen
•
Exterior Automotive Lighting
•
Automobilbeleuchtung außen
•
Signaling
•
Signalanlagen


Similar Part No. - LCY-H9PP

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
LCY-H9PP AMSOSRAM-LCY-H9PP Datasheet
1Mb / 23P
OSLON® Black Flat
2020-01-30
More results

Similar Description - LCY-H9PP

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LAM67F-V1AB-24 OSRAM-LAM67F-V1AB-24 Datasheet
536Kb / 21P
SMD epoxy package
LUWH9QP-5M8M-HNJN-1 OSRAM-LUWH9QP-5M8M-HNJN-1 Datasheet
969Kb / 24P
SMD epoxy package
LYH9PP-HZKX-46-1 OSRAM-LYH9PP-HZKX-46-1 Datasheet
750Kb / 22P
SMD epoxy package
KWH5L531.TE OSRAM-KWH5L531.TE Datasheet
861Kb / 23P
SMD epoxy package
LUWH9QP OSRAM-LUWH9QP Datasheet
955Kb / 24P
SMD epoxy package
KR-DMLN31.23 OSRAM-KR-DMLN31.23 Datasheet
676Kb / 22P
SMD epoxy package
KY-DMLN31.23 OSRAM-KY-DMLN31.23 Datasheet
666Kb / 22P
SMD epoxy package
KY-DMLN31.FY OSRAM-KY-DMLN31.FY Datasheet
704Kb / 23P
SMD epoxy package
SFH-4735 OSRAM-SFH-4735 Datasheet
629Kb / 13P
SMD epoxy package
LR-H9PP OSRAM-LR-H9PP Datasheet
726Kb / 22P
SMD epoxy package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com