Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD-263 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # LD-263
Description  GaAs infrared emitting diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LD-263 Datasheet(HTML) 3 Page - OSRAM GmbH

  LD-263 Datasheet HTML 1Page - OSRAM GmbH LD-263 Datasheet HTML 2Page - OSRAM GmbH LD-263 Datasheet HTML 3Page - OSRAM GmbH LD-263 Datasheet HTML 4Page - OSRAM GmbH LD-263 Datasheet HTML 5Page - OSRAM GmbH LD-263 Datasheet HTML 6Page - OSRAM GmbH LD-263 Datasheet HTML 7Page - OSRAM GmbH LD-263 Datasheet HTML 8Page - OSRAM GmbH LD-263 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Version 1.0 LD 260, LD 262, LD 263, LD 264, LD 265, LD 266, LD 267, LD 268,
2011-05-27
3
Characteristics (TA = 25 °C)
Kennwerte
Total power dissipation
Verlustleistung
Ptot
70
mW
Thermal resistance junction - ambient
Wärmewiderstand Sperrschicht - Umgebung
RthJA
750
K / W
Thermal resistance junction - lead
Wärmewiderstand Sperrschicht - Anschluss
RthJL
650
K / W
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Emission wavelength
Zentrale Emissionswellenlänge
(IF = 50 mA, tP = 20 ms)
peak
950
nm
Spectral bandwidth at 50% of Imax
Spektrale Bandbreite bei 50% von Imax
(IF = 50 mA, tp = 20 ms)
55
nm
Half angle
Halbwinkel
± 15
°
Active chip area
Aktive Chipfläche
A0.25
mm2
Dimensions of active chip area
Abmessungen der aktiven Chipfläche
L x W
0.5 x 0.5
mm x
mm
Distance chip surface to lens top
Abstand Chipoberfläche bis Linsenscheitel
H
1.3 ... 1.9
mm
Rise and fall time of Ie ( 10% and 90% of Ie max)
Schaltzeit von Ie ( 10% und 90% von Ie max)
(IF = 50 mA, RL = 50 )
tr, tf
1000
ns
Capacitance
Kapazität
(VR = 0 V, f = 1 MHz)
C0
40
pF
Forward voltage
Durchlassspannung
(IF = 50 mA, tP = 20 ms)
VF
1.25 ( 1.4)
V
Reverse current
Sperrstrom
(VR = 5 V)
IR
0.01 ( 1)
μA
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com