Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTP5901-WHM Datasheet(PDF) 32 Page - Linear Technology

Part # LTP5901-WHM
Description  SmartMesh WirelessHART Node Wireless Mote Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5901-WHM Datasheet(HTML) 32 Page - Linear Technology

Back Button LTP5901-WHM Datasheet HTML 24Page - Linear Technology LTP5901-WHM Datasheet HTML 25Page - Linear Technology LTP5901-WHM Datasheet HTML 26Page - Linear Technology LTP5901-WHM Datasheet HTML 27Page - Linear Technology LTP5901-WHM Datasheet HTML 28Page - Linear Technology LTP5901-WHM Datasheet HTML 29Page - Linear Technology LTP5901-WHM Datasheet HTML 30Page - Linear Technology LTP5901-WHM Datasheet HTML 31Page - Linear Technology LTP5901-WHM Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
LTP5901-WHM/LTP5902-WHM
32
59012whmfa
For more information www.linear.com/LTP5901-WHM or www.linear.com/LTP5902-WHM
LINEAR TECHNOLOGY CORPORATION 2014
LT 1115 REV A • PRINTED IN USA
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LTP5901-WHM or www.linear.com/LTP5902-WHM
relaTeD parTs
Typical applicaTion
PART NUMBER
DESCRIPTION
COMMENTS
LTP5903IPC-WHR
WirelessHART Embedded Manager
Manages Networks SmartMesh WirelessHart Nodes.
LTC5800-WHM
WirelessHART Mote
Ultralow Power Mote, 72-Lead 10mm × 10mm QFN
LT6654
Precision High Output Drive Low Noise
Reference
1.6ppm Peak-to-Peak Noise (0.1Hz to 10Hz, Sink/Source ±10mA, 5ppm/°C Max Drift)
LTC2379-18
18-Bit,1.6Msps/1Msps/500ksps/
250ksps Serial, Low Power ADC
2.5V Supply, Differential Input, 101.2dB SNR, ±5V Input Range, DGC
LTC3388-1/LTC3388-3 20V High Efficiency Nanopower Step-
Down Regulator
860nA IQ in Sleep, 2.7V to 20V Input, VOUT: 1.2V to 5.0V, Enable and Standby Pins
LTC3588-1
Piezoelectric Energy Generator with
Integrated High Efficiency Buck
Converter
VIN: 2.7V to 20V; VOUT(MIN): Fixed to 1.8V, 2.5V, 3.3V, 3.6V; IQ = 0.95μA; 3mm × 3mm
DFN-10 and MSOP-10E Packages
LTC3108-1
Ultralow Voltage Step-Up Converter
and Power Manager
VIN: 0.02V to 1V; VOUT = 2.5V, 3V, 3.7V, 4.5V Fixed; IQ = 6μA; 3mm × 4mm DFN-12 and
SSOP-16 Packages
LTC3459
Micropower Synchronous Boost
Converter
VIN: 1.5V to 5.5V; VOUT (MAX) = 10V; IQ = 10μA; 2mm × 2mm DFN, 2mm × 3mm DFN or
SOT-23 Package
ANTENNA
VSUPPLY
UART_TX
UART_RX
UART_TX_RTSn
UART_RX_RTSn
UART_RX_CTSn
UART_TX_CTSn
LTP5902-WHM
TADIRAN TL-5903
Li-SOCI2
GND
4.7µF
4.7µF
0.1µF
0.1µF
47µF
0.1µF
0.1µF
22µF
FB
0.1µF
5k
0.1%
1000pF
0.1µF
VIN
GND2
GND1
VOUT
10k, 0.2C
OMEGA 4406
5k
0.1%
1000pF
5k
0.1%
32.768kHz
59012whm TA02
XOUT32
ADVREFP
PA05 (AD1)
PA04 (AD0)
PA08 (GPO8)
ATMEL SAM4L2
XIN32
GND
VDDOUT
VDDCORE
VDDIN
VDDIO
VDDANA
PA15 (USART1_RXD)
PA17 (EXTINT2)
PA13 (GP013)
PA16 (USART1_TXD)
PA14 (GPIO14)
PA18 (EXTINT3)
LT6654-2.048
RT = 5k • AI_0 / (2 • AI_1 – AI_0)
T(°C) = 1 / {A + B [Ln(RT)] + C[Ln(RT)]3} – 273.15
A = 1.032 • 10–3
B = 2.387 • 10–4
C = 1.580 • 10–7
Mesh Network Thermistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com