Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SXLP-13 Datasheet(PDF) 1 Page - Mini-Circuits

Part # SXLP-13
Description  Low Pass Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SXLP-13 Datasheet(HTML) 1 Page - Mini-Circuits

  SXLP-13 Datasheet HTML 1Page - Mini-Circuits SXLP-13 Datasheet HTML 2Page - Mini-Circuits SXLP-13 Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
The Big Deal
• Low insertion Loss typical 0.5 dB
• Sharp roll-off
• Wide stop band rejection till 2200 MHz
• Very good VSWR typical 1.3:1
• Miniature shielded package
Product Overview
The SXLP-13+ is a lowpass filter in a shielded package (size of 0.440" x 0.740" x 0.270") fabricated using SMT tech-
nology. Covering DC to 13 MHz band width, these units offer good matching within the passband and high rejection
44 dB typical. This model uses miniature high Q capacitors and wire welded inductors for high reliability. In addition it
has repeatable performance across production lots and consistent performance across temperature.
Key Features
SXLP-13+
50Ω
DC to 13 MHz
CASE STYLE: HF1139
Low Pass Filter
Surface Mount
Page 1 of 3
Feature
Advantages
Sharp roll-off
Sharp roll-off, this will attenuate frequencies closer to the passband with good rejection.
High rejection
This enables the filters to attenuate spurious signals and reject harmonics for broadband frequency.
Small size, 0.440" x 0.740" x 0.270"
The small surface mount package enables the SXLP-13+ to be used in compact designs.


Similar Part No. - SXLP-13

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SXLP-135 MINI-SXLP-135 Datasheet
364Kb / 1P
Low Pass Filter
SXLP-135+ MINI-SXLP-135+ Datasheet
364Kb / 1P
Low Pass Filter
More results

Similar Description - SXLP-13

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
LFCN-630 MINI-LFCN-630 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-900 MINI-LFCN-900 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-1325 MINI-LFCN-1325 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-2750 MINI-LFCN-2750 Datasheet
139Kb / 1P
Low Pass Filter
LFCV-45+ MINI-LFCV-45+ Datasheet
170Kb / 1P
Low Pass Filter
logo
SYNERGY MICROWAVE CORPO...
FLS-570 SYNERGY-FLS-570 Datasheet
412Kb / 4P
LOW PASS filter
logo
Mini-Circuits
BLP-1.9 MINI-BLP-1.9 Datasheet
194Kb / 1P
Low Pass Filter
BLP-15-75 MINI-BLP-15-75 Datasheet
193Kb / 1P
Low Pass Filter
BLP-21.4 MINI-BLP-21.4 Datasheet
193Kb / 1P
Low Pass Filter
BLP-21.4-75 MINI-BLP-21.4-75 Datasheet
195Kb / 1P
Low Pass Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com