Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8610AB Datasheet(PDF) 4 Page - Linear Technology

Part # LT8610AB
Description  42V, 3.5A Micropower Synchronous Step-Down Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8610AB Datasheet(HTML) 4 Page - Linear Technology

  LT8610AB Datasheet HTML 1Page - Linear Technology LT8610AB Datasheet HTML 2Page - Linear Technology LT8610AB Datasheet HTML 3Page - Linear Technology LT8610AB Datasheet HTML 4Page - Linear Technology LT8610AB Datasheet HTML 5Page - Linear Technology LT8610AB Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
dc2012af
DEMO MANUAL DC2012A
parts List
ITEM
QTY REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
Required Circuit Components
1
1
C2
CAP., X7R, 2.2µF, 50V, 10%, 1206
MURATA, GCJ31CR71H225KA12L
2
1
C4
CAP., X7R, 0.22µF, 16V, 10%, 0603
AVX, 0603YC224KAT2A
3
1
C5
CAP., C0G, 10pF, 25V, 10%, 0402
AVX, 04023A100KAT2A
4
2
C6, C14
CAP., X7R, 47µF, 10V, 10%, 1210
MURATA, GRM32ER71A476KE15L
5
1
C7
CAP., X7R, 1.0µF, 25V, 10%, 0603
MURATA, GRM188R71E105KA12D
6
1
C8
CAP., X7R, 0.1µF, 16V, 10%, 0402
MURATA, GRM155R71C104KA88D
7
1
L1
IND., 2.2µH
COILCRAFT, XAL5030-222MEC
8
1
R2
RES., CHIP, 18.2k, 1/10W, 1% 0603
VISHAY, CRCW060318K2FKEA
9
1
R3
RES., CHIP, 49.9k, 1/16W, 1% 0402
VISHAY, CRCW040249K9FKED
10
2
R1, R4
RES., CHIP, 1M, 1/16W, 1% 0402
VISHAY, CRCW04021M00FKED
11
1
R5
RES., CHIP, 243k, 1/16W, 1% 0402
VISHAY, CRCW0402243KFKED
12
1
U1
IC, LT8610ABEMSE#PBF MSE16
LINEAR TECH, LT8610ABEMSE#PBF
Additional Demo Board Circuit Components
1
1
C1
CAP., ALUM, 22µF, 63V
SUN ELECT, 63CE22BS
2
2
C3, C10
CAP., X7R, 4.7µF, 50V, 10%, 1206
MURATA, GRM31CR71H475KA12L
3
1
C9
CAP., X7R, 1.0µF, 16V, 10%, 0805
AVX, 0805YC105KAT2A
4
1
C11, C12
CAP., X7R, 0.1µF, 50V, 10%, 0402
TDK, C1005X7R1H104K
5
2
C13
CAP., X7R, 0.1µF, 50V, 10%, 0603
MURATA, GCJ188R71H104KA12D
6
1
FB1
FERRITE BEAD 0805
TDK, MPZ2012S101AT
7
1
L2
IND., 4.7µH
VISHAY, IHLP2020BZ-ER4R7M01
8
0
R6
RES., OPT, 0402
OPT
Hardware: For Demo Board Only
1
9
E1-E9
TESTPOINT, TURRET, .094"
MILL-MAX, 2501-2-00-80-00-00-07-0
2
1
JP1
HEADER 1X3 079
SAMTEC, TMM-103-02-L-S
3
1
XJP1
SHUNT, .079" CENTER
SAMTEC, 2SN-BK-G
4
4
MH1-MH4
STAND-OFF, NYLON 0.50" TALL
KEYSTONE, 8833(SNAP ON)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com