Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8614 Datasheet(PDF) 3 Page - Linear Technology

Part # LT8614
Description  42V, 4A Micropower Synchronous Step-Down Silent Switcher
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8614 Datasheet(HTML) 3 Page - Linear Technology

  LT8614 Datasheet HTML 1Page - Linear Technology LT8614 Datasheet HTML 2Page - Linear Technology LT8614 Datasheet HTML 3Page - Linear Technology LT8614 Datasheet HTML 4Page - Linear Technology LT8614 Datasheet HTML 5Page - Linear Technology LT8614 Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
dc2019bfb
DEMO MANUAL DC2019B
QUICK START PROCEDURE
Demonstration circuit 2019B is easy to set up to evalu-
ate the performance of the LT8614. Refer to Figure 4 for
proper measurement equipment setup and follow the
procedure below.
NOTE: When measuring the input or output voltage ripple,
care must be taken to avoid a long ground lead on the
oscilloscope probe. Measure the input or output voltage
ripple by touching the probe tip directly across the VEMI
or VOUT and GND terminals. See Figure 5 for the proper
scope technique.
1. Place JP1 on GND position.
2. With power off, connect the input power supply to VEMI
andGND.IftheEMI/EMCperformanceisnotimportant,
the input EMI filter can be bypassed by connecting the
input power supply to VIN and GND.
3. With power off, connect the load from VOUT to GND.
4. Turn on the power at the input.
NOTE: Make sure that the input voltage does not
exceed 42V.
5. Check for the proper output voltage (VOUT = 5V).
NOTE: If there is no output, temporarily disconnect the
load to make sure that the load is not set too high or
is shorted.
6. Once the proper output voltage is established, adjust
the load within the operating ranges and observe the
output voltage regulation, ripple voltage, efficiency and
other parameters.
7. An external clock can be added to the SYNC termi-
nal when SYNC function is used (JP1 on the SYNC
position). Please ensure that the chosen RT sets the
LT8614 switching frequency to equal or below the
lowest SYNC frequency. See the data sheet section,
“Synchronization.”
Figure 4. Proper Measurement Equipment Setup
Figure 5. Measuring Output Ripple



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com