Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2389 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2389
Description  18-Bit/16-Bit, 2.5Msps Low Noise, SAR ADCs with Pin-Configurable Analog Input Range
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2389 Datasheet(HTML) 2 Page - Linear Technology

  LTC2389 Datasheet HTML 1Page - Linear Technology LTC2389 Datasheet HTML 2Page - Linear Technology LTC2389 Datasheet HTML 3Page - Linear Technology LTC2389 Datasheet HTML 4Page - Linear Technology LTC2389 Datasheet HTML 5Page - Linear Technology LTC2389 Datasheet HTML 6Page - Linear Technology LTC2389 Datasheet HTML 7Page - Linear Technology LTC2389 Datasheet HTML 8Page - Linear Technology LTC2389 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
dc1826afa
DEMO MANUAL DC1826A
DC718 QUICK START PROCEDURE
DC1826A SETUP
Check to ensure that all switches and jumpers are set as
shown in the connection diagram of Figure 1. The default
connections configure the ADC to use the onboard refer-
ence and regulators to generate the required common
mode voltages. The analog input is DC-coupled. Connect
the DC1826A to a DC718 USB high speed data collection
board using connector J4. Then, connect the DC718 to
a host PC with a standard USB A/B cable. Apply ±9V to
the indicated terminals. Then, apply a low jitter signal
source to J2. The default setup uses a single-ended to
differential converter so that it is only necessary to apply
a single-ended input signal to J2. Connect a low jitter
2.5MHz (100MHz for serial) 3.3VP-P sine wave or square
wave to connector J1 for parallel operation. Note that J1
has a 49.9Ω termination resistor to ground.
DC Power
The DC1826A requires ±9VDC and draws 100mA. Most
of the supply current is consumed by the CPLD, opamps,
regulators and discrete logic on the board. The 9VDC in-
put voltage powers the ADC through LT1763 regulators
which provide protection against accidental reverse bias.
Additional regulators provide power for the CPLD and
opamps. See Figure 1 for connection details.
Run the QuikEval II software (PScope.exe version K73 or
later) supplied with the DC718 or download it from www.
linear.com.
Complete software documentation is available from the
help menu. Updates can be downloaded from the tools
menu. Check for updates periodically as new features
may be added.
The PScope™ software should recognize the DC1826A
and configure itself automatically.
Click the collect button (see Figure 7) to begin acquiring
data. The collect button then changes to pause, which can
be clicked to stop data acquisition.
Clock Source
You must provide a low jitter 3.3VP-P sine or square
wave to J1. The clock input is AC-coupled so the DC
level of the clock signal is not important. A generator
like the HP8644 or the DC1216A-A is recommended.
Even a good generator can start to produce noticeable
jitter at low frequencies. Therefore, it is recommended
for lower clock rates to divide down a higher frequency
clock to the desired sample rate. For serial operation, the
ratio of clock frequency to conversion rate is 50:1. The
maximum serial conversion rate is 2Msps. If the clock
input is to be driven with logic, it is recommended that
DC1826A ASSEMBLY OPTIONS
ASSEMBLY VERSION
U1 PART NUMBER
MAX CONVERSION RATE
NUMBER OF BITS
SERIAL MAX CLKIN FREQUENCY
DC1826A-A
LTC2389CMS-18
2.5Msps
18
100MHz
DC1826A-E
LTC2389CMS-16
2.5Msps
16
100MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com