Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP157 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP157
Description  Smallest Energy Efficient Off-line Regulator with Extended Power Range
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP157 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP157 Datasheet HTML 9Page - Monolithic Power Systems MP157 Datasheet HTML 10Page - Monolithic Power Systems MP157 Datasheet HTML 11Page - Monolithic Power Systems MP157 Datasheet HTML 12Page - Monolithic Power Systems MP157 Datasheet HTML 13Page - Monolithic Power Systems MP157 Datasheet HTML 14Page - Monolithic Power Systems MP157 Datasheet HTML 15Page - Monolithic Power Systems MP157 Datasheet HTML 16Page - Monolithic Power Systems MP157 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
MP157 –SMALLEST ENERGY EFFICIENT OFF-LINE REGULATOR WITH EXTENDED POWER RANGE
MP157 Rev. 1.04
www.MonolithicPower.com
13
6/27/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
feedback comparator which is also shown in
Figure 5. The ramp compensation is related
with the load conditions. At the full load
conditions, the compensation is about the
3mV/
s. With the load decreases, the
compensation increases exponentially.
Over Load Protection (OLP)
As the load increases, the peak current and the
switching frequency both increase. When
switching frequency and peak current reaches
the maximum, output voltage decreases if the
load continues to increase. So FB voltage drops
below OLP point.
By continuously monitoring the FB voltage,
when FB voltage drops below 1.7V which is
considered as an error flag, the timer starts
counting. If the error flag removes, the timer
resets. If the timer reaches its completion when
it has counted to 150ms (Fs=37kHz), OLP
takes
place.
This
timer
duration
avoids
triggering OLP function when the power supply
is at start up or load transition phase. So power
supply should start up in less than 150ms
(Fs=37kHz). Different switching frequency (fs)
leads to different over load protection delay
time, as shown following equation:

Dealy
37kHz
T150ms
fs
Short Circuit Protection (SCP)
The MP157 monitors the peak current, and
shuts down when the peak current rises above
900mA, featuring a short circuit protection. As
soon as the fault disappears, the power supply
resumes operation.
Thermal shutdown (TSD)
To prevent from any lethal thermal damage,
MP157 shuts down switching cycle when the
inner temperature exceeds 150
C. During the
thermal shutdown (TSD), the VCC will be
discharged to 2.4V, and then be re-charged by
the internal high voltage regulator.
Open Loop Detection
If the FB voltage is lower than 60mV, IC will
stop working and a re-start cycle will begin.
During the start up, the open loop detection is
blanked for 128 switching cycles.
Leading Edge Blanking
In order to avoid the premature termination of
the switching pulse due to the parasitic
capacitance, an internal leading edge blanking
(LEB) unit is employed between the current
sense resistor inside the IC and the current
comparator input. During the blanking time, the
current comparator is disabled and can not turn
off the external MOSFET. Figure 6 shows the
leading edge blanking.
TLEB= 400nS
VLimit
t
Figure 6: Leading Edge Blanking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com