Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4816 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP4816
Description  16-Channel High Voltage Analog Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4816 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP4816 Datasheet HTML 1Page - Monolithic Power Systems MP4816 Datasheet HTML 2Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MP4816 – 16-CHANNEL HIGH VOLTAGE ANALOG SWITCH
PRELIMINARY SPECIFICATIONS SUBJECT TO CHANGE
MP4816 Rev. 0.8
www.MonolithicPower.com
2
3/20/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
Preliminary Specifications Subject to Change
© 2017 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MP4816GFP
TQFP-48 (7mmx7mm)
TBD
* For Tape & Reel, add suffix –Z (e.g. MP4816GFP–Z).
PACKAGE REFERENCE
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
NC
NC
SWout-4
SWin-4
SWout-3
SWin-3
SWout-2
SWin-2
SWout-15
NC
NC
SWout-1
SWin-1
SWout-0
SWin-0
SWin-15
SWout-14
SWin-14
SWout-13
SWin-13
SWout-12
SWin-12
SWout-11
SWin-11
TQFP-48 (7mmx7mm)
ABSOLUTE MAXIMUM RATINGS (1)
VLL, Logic supply .........................–0.5V to +6.6V
VDD, Translator supply..................–0.5V to +11V
VSIG, Analog signal range................0V to ±105V
Junction Temperature...............................150°C
Lead Temperature ....................................260°C
Continuous Power Dissipation, TA=25°C(2) 1.0W
Storage temperature.................. -55°C to 150°C
Recommended Operating Conditions (3)
Logic supply voltage, VLL ................2.7V to 5.5V
Translator supply voltage, VDD ............9V to 10V
Analog signal range, VSIG.................... 0 to ±90V
Junction temperature, TJ.......... -25°C to +125°C
Thermal Resistance (4)
θJA
θJC
TQFP-48 (7mmx7mm)
68
15 °C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature resulting in
permanent damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com