Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7721DF Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP7721DF
Description  2 x 10W Class D Stereo Single Ended Audio Amplifer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7721DF Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP7721DF Datasheet HTML 2Page - Monolithic Power Systems MP7721DF Datasheet HTML 3Page - Monolithic Power Systems MP7721DF Datasheet HTML 4Page - Monolithic Power Systems MP7721DF Datasheet HTML 5Page - Monolithic Power Systems MP7721DF Datasheet HTML 6Page - Monolithic Power Systems MP7721DF Datasheet HTML 7Page - Monolithic Power Systems MP7721DF Datasheet HTML 8Page - Monolithic Power Systems MP7721DF Datasheet HTML 9Page - Monolithic Power Systems MP7721DF Datasheet HTML 10Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MP7721 – 2 x 10W CLASS D STEREO SINGLE ENDED AUDIO AMPLIFIER
MP7721 Rev. 1.0
www.MonolithicPower.com
6
5/16/2007
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2007 MPS. All Rights Reserved.
TM
APPLICATION INFORMATION
COMPONENT SELECTION
The MP7721 uses a minimum number of
external components to complete a stereo
Class D audio amplifier. The circuit of Figure 1
is optimized for a 24V power supply and a 1.5V
RMS maximum input signal. This circuit should
be suitable for most applications. However, if
this circuit is not suitable, use the following
sections to determine how to customize the
amplifier for a particular application.
Setting the Voltage Gain
The maximum output voltage swing is limited by
the power supply. To achieve the maximum
power out of the MP7721 amplifier, the gain
resistors should be set such that the maximum
input signal results in an output voltage swing
that reaches the supply limit (clipping). The
maximum output voltage swing at clipping is
approximately ±VDD/2. To achieve clipping for a
given input signal voltage, where VIN(pk) is the
peak input voltage, the voltage gain is:
)
pk
(
V
2
V
)
MAX
(
A
IN
DD
V
×
=
The voltage gain setting results in the peak
output voltage approaching its maximum for the
maximum input signal. There are applications
where it is desirable to allow the amplifier to
overdrive slightly, allowing the THD to increase
at higher power levels (as the output signal
continues to go further into clipping), and so a
higher gain than AV (max) is required.
Setting the Switching Frequency
The idle switching frequency (the switching
frequency when no audio input is present) is a
function of several variables: the supply voltage
VDD, the timing capacitor CINT and the feedback
resistor RFB. For the MP7721, the idle switching
frequencies for CH1 and CH2 are independent
of each other and are a function of their own
associated components. The proper setting of
the “idle frequency” is important for obtaining
optimum performance. If the frequency is set
too high, the result will be more power loss and
high distortion, while setting the idle switching
frequency too low results in more inductor ripple,
causing more output voltage ripple with
increased the output noise.
The optimum quiescent switching frequency is
approximately 700KHz to 800KHz. Refer to
Table 1 for recommended values.
Table 1—Switching Frequency vs. VDD, Timing
Capacitor and Feedback Resistor (see Figure 1)
Gain
(V/V)
Gain
(dB)
RFB
(kΩ)
RIN
(kΩ)
CINT
FSW
VDD
(V)
3.9
11.8
39
10
6.8nF
660KHz
12
8.2
18.3
82
10
3.3nF
660KHz
12
8.3
18.4
39
4.7
6.8nF
660KHz
12
17.4
24.8
82
4.7
3.3nF
660KHz
12
5.6
15.0
56
10
8.2nF
670KHz
24
8.2
18.3
82
10
5.6nF
720KHz
24
11.9
21.5
56
4.7
8.2nF
670KHz
24
17.4
24.8
82
4.7
5.6nF
720KHz
24
33.0
30.4
330
10
1.8nF
700KHz
24
Choosing the LC Filter
The Inductor-Capacitor (LC) filter converts the
pulse train at SW to the output voltage that
drives the speaker. Typical values for the LC
filter are a 10µH inductor and a 0.47µF
capacitor.
The characteristic frequency of the LC filter
needs to be high enough to allow high
frequency audio to the output, yet needs to be
low enough to filter out high frequency products
of the pulses from SW. The characteristic
frequency of the LC filter is:
LC
2
1
f0
π
=
The voltage ripple at the output is approximated
by the equation:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
≅
SW
0
DD
RIPPLE
f
f
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com