Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7748S Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MP7748S
Description  2 x 30W Stereo Single Ended Or 60W Mono BTL Class D Audio Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7748S Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MP7748S Datasheet HTML 15Page - Monolithic Power Systems MP7748S Datasheet HTML 16Page - Monolithic Power Systems MP7748S Datasheet HTML 17Page - Monolithic Power Systems MP7748S Datasheet HTML 18Page - Monolithic Power Systems MP7748S Datasheet HTML 19Page - Monolithic Power Systems MP7748S Datasheet HTML 20Page - Monolithic Power Systems MP7748S Datasheet HTML 21Page - Monolithic Power Systems MP7748S Datasheet HTML 22Page - Monolithic Power Systems MP7748S Datasheet HTML 23Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
MP7748S
–2 X 30W STEREO SE OR 60W MONO BTL CLASS D AUDIO AMPLIFIER
MP7748S Rev. 1.0
www.MonolithicPower.com
21
10/14/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
Figure 5
—30V VDD Stereo SE Typical Application Circuit
Figure 6
—30V VDD mono BTL Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com