Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7751GF Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP7751GF
Description  26V, 2x20W Stereo BTL Fix Frequency Class D Audio Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7751GF Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP7751GF Datasheet HTML 11Page - Monolithic Power Systems MP7751GF Datasheet HTML 12Page - Monolithic Power Systems MP7751GF Datasheet HTML 13Page - Monolithic Power Systems MP7751GF Datasheet HTML 14Page - Monolithic Power Systems MP7751GF Datasheet HTML 15Page - Monolithic Power Systems MP7751GF Datasheet HTML 16Page - Monolithic Power Systems MP7751GF Datasheet HTML 17Page - Monolithic Power Systems MP7751GF Datasheet HTML 18Page - Monolithic Power Systems MP7751GF Datasheet HTML 19Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
MP7751 – 26V, 2X20W STEREO BTL FIX FREQUENCY CLASS D AUDIO AMPLIFIER
MP7751 Rev. 1.0
www.MonolithicPower.com
16
5/23/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
APPLICATION INFORMATION
COMPONENT SELECTION
Delay time for input signal absence report
The Recovery time is defined as follows.
[]
=×
×
8
delay
R
T
1.6 10
C sec
Choosing the Output LC Filter
The inductor-capacitor (LC) filter converts the
pulses at SW to the output voltage that drives
the speaker. There are two kinds of LC filter
structure depending on the output configuration.
LF1
LF2
CY1
CY2
CX
SW1
SW2
RLOAD
Figure 4: BTL Filter Configuration
Where:
FF1
F2
LL
L
=+
,
Y1
Y2
FX
Y1
Y2
CC
CC
CC
×
=+
+
,
F1
F2
LL
=
;
Y1
Y2
CC
=
The characteristic frequency of the LC filter
needs to be high enough to allow high
frequency audio to the output, yet needs to be
low enough to filter out high frequency products
of
the
pulses from the SW
pin. The
characteristic frequency of the LC filter is:
0
FF
1
f
2L
C
=
×π×
×
The quality factor (Q) of the LC filter is
important: If this is too low, output noise will
increase; if this is too high, then peaking may
occur at high frequencies and reduce the
passband flatness. The circuit Q is set by the
load resistance (speaker resistance, typically
4Ω or 8Ω). Q is calculated as:
LOAD
LOAD
0F
0F
RR
Q
L2
f
L
==
ω×
π × ×
ω0
is
the
characteristic
frequency
in
radians/second and f0 is in Hz. Use an LC filter
with Q between 0.7 and 1.4.
The type of inductor and capacitor used in the
LC filter greatly affects the output ripple and
noise. Use a film capacitor and an inductor with
sufficient power rating to supply the output
current to the load. The inductor must exhibit
soft saturation characteristics: If the inductor
exhibits hard saturation, it should operate well
below the saturation current. Use toroidal cores
made of gapped ferrite, MPP, powdered iron, or
similar materials. If using either an open or
shielded bobbin ferrite core for multi-channel
designs, make sure that the start windings of
each inductor align (all starting toward the SW
pin, or all starting toward the output) to prevent
crosstalk
or
other
channel-to-channel
interference.
Input Coupling Capacitor
The input coupling capacitor transmits the AC
signal from the source to the MP7751 while
blocking the DC voltage. Choose an input
coupling capacitor such that the corner
frequency (fIN) is less than the passband
frequency. The corner frequency is calculated
as:
IN
IN
IN
C
R
2
1
f
×
×
π
×
=
The impedance of the input resister is different
with the different gain setting. At the same gain
setting, the input impedance from part-to-part
may shift by ±20% due to shifts in the actual
resistance of the input resistors. But please
note that the gain variation from part-to-part is
small.
For design purposes, the input network should
be designed assuming an input impedance of
16 kΩ, which is the absolute minimum input
impedance of the MP7751. At the lower gain
settings, the input impedance could increase as
high as 90 kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com